Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5P49V5935 Datasheet(PDF) 1 Page - Integrated Device Technology

Part No. 5P49V5935
Description  Generates up to four independent output frequencies
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

5P49V5935 Datasheet(HTML) 1 Page - Integrated Device Technology

 
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
PRELIMINARY DATASHEET
5P49V5935 REVISION B 07/13/15
1
©2015 Integrated Device Technology, Inc.
Programmable Clock Generator
5P49V5935
Description
The 5P49V5935 is a programmable clock generator intended
for high performance consumer, networking, industrial,
computing, and data-communications applications.
Configurations may be stored in on-chip One-Time
Programmable (OTP) memory or changed using I2C
interface. This is IDTs fifth generation of programmable clock
technology (VersaClock® 5).
The 5P49V5935 by default uses an integrated 25MHz crystal
as input reference. It also has a redundant external clock
input. A glitchless manual switchover functions allows
selection of either one as mentioned above as input reference
during normal operation.
Two select pins allow up to 4 different configurations to be
programmed and accessible using processor GPIOs or
bootstrapping. The different selections may be used for
different operating modes (full function, partial function, partial
power-down), regional standards (US, Japan, Europe) or
system production margin testing.
The device may be configured to use one of two I2C
addresses to allow multiple devices to be used in a system.
Pin Assignment
Features
Generates up to four independent output frequencies
High performance, low phase noise PLL, <0.7 ps RMS
typical phase jitter on outputs:
– PCIe Gen1, 2, 3 compliant clock capability
– USB 3.0 compliant clock capability
– 1 GbE and 10 GbE
Four fractional output dividers (FODs)
Independent Spread Spectrum capability on each output
pair
Four banks of internal non-volatile in-system
programmable or factory programmable OTP memory
I2C serial programming interface
One reference LVCMOS output clock
Four universal output pairs:
– Each configurable as one differential output pair or two
LVCMOS outputs
I/O Standards:
– Single-ended I/Os: 1.8V to 3.3V LVCMOS
– Differential I/Os - LVPECL, LVDS and HCSL
Input frequency ranges:
– LVDS, LVPECL, HCSL Differential Clock Input (CLKIN,
CLKINB) – 1MHz to 350MHz
Output frequency ranges:
– LVCMOS Clock Outputs – 1MHz to 200MHz
– LVDS, LVPECL, HCSL Differential Clock Outputs –
1MHz to 350MHz
Individually selectable output voltage (1.8V, 2.5V, 3.3V) for
each output pair
Redundant clock inputs with manual switchover
Programmable loop bandwidth
Programmable output to output skew
Programmable slew rate control
Individual output enable/disable
Power-down mode
1.8V, 2.5V or 3.3V core VDDD, VDDA
Available in 24-pin VFQFPN 4mm x 4mm package
-40° to +85°C industrial temperature operation
1
7
24-pin VFQFPN
19
13
NC
NC
VDDO3
CLKIN
OUT3B
OUT2
CLKINB
CLKSEL
OUT3
OUT2B
VDDO2
VDDA
EPAD
2
3
4
5
6
8
9 10 11 12
14
15
16
17
18
20
21
22
23
24


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn