Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5P49V5935 Datasheet(PDF) 32 Page - Integrated Device Technology

Part No. 5P49V5935
Description  Generates up to four independent output frequencies
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

5P49V5935 Datasheet(HTML) 32 Page - Integrated Device Technology

 
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
PROGRAMMABLE CLOCK GENERATOR
32
REVISION B 07/13/15
5P49V5935 PRELIMINARY DATASHEET
Ordering Information
“G” after the two-letter package code denotes Pb-Free configuration, RoHS compliant.
Revision History
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
5P49V5935AxxxLTGI
see page 29
Trays
24-pin VFQFPN
-40° to +85
C
5P49V5935AxxxLTGI8
Tape and Reel
24-pin VFQFPN
-40° to +85
C
Rev.
Date
Originator
Description of Change
A
05/18/15
B. Chandhoke Initial release.
B
07/13/15
B. Chandhoke 1. Added conditions text and min/max values for VIH/VIL.
2. Updated 1.8V, 2.5V, and 3.3V VIH/VIL conditions text and min/max values for "Single-ended
inputs - CLKSEL, SD/OE"
3. Changed name of parameter "Lock Time" to "Startup Time"
4. Added IDT and Fox crystal references.
5. Added “Aging per year” spec to Frequency Stability in AC Char table.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn