Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P49V5935 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # 5P49V5935
Description  Generates up to four independent output frequencies
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5935 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button 5P49V5935 Datasheet HTML 17Page - Integrated Device Technology 5P49V5935 Datasheet HTML 18Page - Integrated Device Technology 5P49V5935 Datasheet HTML 19Page - Integrated Device Technology 5P49V5935 Datasheet HTML 20Page - Integrated Device Technology 5P49V5935 Datasheet HTML 21Page - Integrated Device Technology 5P49V5935 Datasheet HTML 22Page - Integrated Device Technology 5P49V5935 Datasheet HTML 23Page - Integrated Device Technology 5P49V5935 Datasheet HTML 24Page - Integrated Device Technology 5P49V5935 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
REVISION B 07/13/15
21
PROGRAMMABLE CLOCK GENERATOR
5P49V5935 PRELIMINARY DATASHEET
CLKIN Equivalent Schematic
Figure CLKIN Equivalent Schematic below shows the basis of
the requirements on VIH max, VIL min and the 1200 mV p-p
single ended Vswing maximum.
The CLKIN and CLKINB Vih max spec comes from the
cathode voltage on the input ESD diodes D2 and D4, which
are referenced to the internal 1.2V supply. CLKIN or
CLKINB voltages greater than 1.2V + 0.5V =1.7V will be
clamped by these diodes. CLKIN and CLKINB input
voltages less than -0.3V will be clamped by diodes D1 and
D3.
The 1.2V p-p maximum Vswing input requirement is
determined by the internally regulated 1.2V supply for the
actual clock receiver. This is the basis of the Vswing spec in
Table 13.
CLKIN Equivalent Schematic


Similar Part No. - 5P49V5935

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5935 IDT-5P49V5935 Datasheet
431Kb / 33P
   Programmable Clock Generator
5P49V5935 IDT-5P49V5935 Datasheet
460Kb / 32P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V5935 RENESAS-5P49V5935 Datasheet
609Kb / 33P
   Programmable Clock Generator
NOVEMBER 1, 2017
logo
Integrated Device Techn...
5P49V5935BdddLTGI IDT-5P49V5935BdddLTGI Datasheet
432Kb / 33P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V5935BDDDLTGI RENESAS-5P49V5935BDDDLTGI Datasheet
609Kb / 33P
   Programmable Clock Generator
NOVEMBER 1, 2017
More results

Similar Description - 5P49V5935

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5925 IDT-5P49V5925 Datasheet
359Kb / 27P
   Generates up to four independent output frequencies
5P49V5929 IDT-5P49V5929 Datasheet
361Kb / 27P
   Generates up to four independent output frequencies
5P49V5901 IDT-5P49V5901 Datasheet
452Kb / 37P
   Generates up to four independent output frequencies
5P49V5943 IDT-5P49V5943 Datasheet
415Kb / 33P
   Generates up to two independent output frequencies
5P49V5914 IDT-5P49V5914 Datasheet
448Kb / 37P
   Generates up to three independent output frequencies
5P49V5913 IDT-5P49V5913 Datasheet
447Kb / 37P
   Generates up to two independent output frequencies
5P49V5944 IDT-5P49V5944 Datasheet
416Kb / 32P
   Generates up to two independent output frequencies
5P49V5923 IDT-5P49V5923 Datasheet
360Kb / 27P
   Generates up to two independent output frequencies
5P49V5927 IDT-5P49V5927 Datasheet
361Kb / 27P
   Generates up to three independent output frequencies
5P49V5933 IDT-5P49V5933 Datasheet
435Kb / 33P
   Generates up to two independent output frequencies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com