Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P49V5929 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 5P49V5929
Description  Generates up to four independent output frequencies
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5929 Datasheet(HTML) 3 Page - Integrated Device Technology

  5P49V5929 Datasheet HTML 1Page - Integrated Device Technology 5P49V5929 Datasheet HTML 2Page - Integrated Device Technology 5P49V5929 Datasheet HTML 3Page - Integrated Device Technology 5P49V5929 Datasheet HTML 4Page - Integrated Device Technology 5P49V5929 Datasheet HTML 5Page - Integrated Device Technology 5P49V5929 Datasheet HTML 6Page - Integrated Device Technology 5P49V5929 Datasheet HTML 7Page - Integrated Device Technology 5P49V5929 Datasheet HTML 8Page - Integrated Device Technology 5P49V5929 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
REVISION B 07/13/15
3
PROGRAMMABLE CLOCK GENERATOR
5P49V5929 DATASHEET
Table 1: Pin Descriptions
Number
Name
Type
Description
1
CLKIN
Input
Internal
Pull-down
Differential clock input. Weak 100kohms internal pull-down.
2
CLKINB
Input
Internal
Pull-down
Complementary differential clock input. Weak 100kohms internal pull-down.
3
XOUT
Input
Crystal Oscillator interface output.
4
XIN/REF
Input
Crystal Oscillator interface input, or single-ended LVCMOS clock input. Ensure that
the input voltage is 1.2V max.Refer to the section “Overdriving the XIN/REF
Interface”.
5VDDA
Power
Analog functions power supply pin.Connect to 1.8V to 3.3V. VDDA and VDDD should
have the same voltage applied.
6
CLKSEL
Input
Internal
Pull-down
Input clock select. Selects the active input reference source in manual switchover
mode.
0 = XIN/REF, XOUT (default)
1 = CLKIN, CLKINB
CLKSEL Polarity can be changed by I2C programming as shown in Table 4.
7
SD/OE
Input
Internal
Pull-down
Enables/disables the outputs (OE) or powers down the chip (SD). The SH bit
controls the configuration of the SD/OE pin. The SH bit needs to be high for SD/OE
pin to be configured as SD. The SP bit (0x02) controls the polarity of the signal to be
either active HIGH or LOW only when pin is configured as OE (Default is active
LOW.) Weak internal pull down resistor. When configured as SD, device is shut
down and the single-ended LVCMOS outputs are driven low. When configured as
OE, and outputs are disabled, the outputs can be selected to be tri-stated or driven
high/low, depending on the programming bits as shown in the SD/OE Pin Function
Truth table.
8
SEL1/SDA
Input
Internal
Pull-down
Configuration select pin, or I2C SDA input as selected by OUT0_SEL_I2CB. Weak
internal pull down resistor.
9
SEL0/SCL
Input
Internal
Pull-down
Configuration select pin, or I2C SCL input as selected by OUT0_SEL_I2CB. Weak
internal pull down resistor.
10
VDDO4Power
Output power supply. Connect to 1.8 to 3.3V. Sets output voltage levels for OUT7
and OUT8.
11
OUT7
Output
Output Clock 7. Please refer to the Output Drivers section for more details. OUT7
and OUT8 are the same frequency.
12
OUT8
Output
Output Clock 8. Please refer to the Output Drivers section for more details.OUT7
and OUT8 are the same frequency.
13
OUT6
Output
Output Clock 6. Please refer to the Output Drivers section for more details. OUT5
and OUT6 are the same frequency.
14
OUT5
Output
Output Clock 5. Please refer to the Output Drivers section for more details.OUT5
and OUT6 are the same frequency.
15
VDDO3Power
Output power supply. Connect to 1.8 to 3.3V. Sets output voltage levels for OUT5
and OUT6.
16
OUT4
Output
Output Clock 4. Please refer to the Output Drivers section for more details. OUT3
and OUT4 are the same frequency.
17
OUT3
Output
Output Clock 3. Please refer to the Output Drivers section for more details. OUT3
and OUT4 are the same frequency.
18
VDDO2Power
Output power supply. Connect to 1.8 to 3.3V. Sets output voltage levels for OUT3
and OUT4.
19
OUT2
Output
Output Clock 2. Please refer to the Output Drivers section for more details. OUT1
and OUT2 are the same frequency.
20
OUT1
Output
Output Clock 1. Please refer to the Output Drivers section for more details. OUT1
and OUT2 are the same frequency.


Similar Part No. - 5P49V5929

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5929 IDT-5P49V5929 Datasheet
360Kb / 27P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V5929 RENESAS-5P49V5929 Datasheet
692Kb / 27P
   Programmable Clock Generator
FEBRUARY 21, 2019
logo
Integrated Device Techn...
5P49V5929BdddNLGI IDT-5P49V5929BdddNLGI Datasheet
360Kb / 27P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V5929BDDDNLGI RENESAS-5P49V5929BDDDNLGI Datasheet
692Kb / 27P
   Programmable Clock Generator
FEBRUARY 21, 2019
logo
Integrated Device Techn...
5P49V5929BdddNLGI8 IDT-5P49V5929BdddNLGI8 Datasheet
360Kb / 27P
   Programmable Clock Generator
More results

Similar Description - 5P49V5929

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5925 IDT-5P49V5925 Datasheet
359Kb / 27P
   Generates up to four independent output frequencies
5P49V5935 IDT-5P49V5935 Datasheet
432Kb / 33P
   Generates up to four independent output frequencies
5P49V5901 IDT-5P49V5901 Datasheet
452Kb / 37P
   Generates up to four independent output frequencies
5P49V5943 IDT-5P49V5943 Datasheet
415Kb / 33P
   Generates up to two independent output frequencies
5P49V5914 IDT-5P49V5914 Datasheet
448Kb / 37P
   Generates up to three independent output frequencies
5P49V5913 IDT-5P49V5913 Datasheet
447Kb / 37P
   Generates up to two independent output frequencies
5P49V5944 IDT-5P49V5944 Datasheet
416Kb / 32P
   Generates up to two independent output frequencies
5P49V5923 IDT-5P49V5923 Datasheet
360Kb / 27P
   Generates up to two independent output frequencies
5P49V5927 IDT-5P49V5927 Datasheet
361Kb / 27P
   Generates up to three independent output frequencies
5P49V5933 IDT-5P49V5933 Datasheet
435Kb / 33P
   Generates up to two independent output frequencies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com