Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBOL4R60D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QBOL4R60D
Description  4mm Oval Lamp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBOL4R60D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QBOL4R60D Datasheet HTML 1Page - List of Unclassifed Manufacturers QBOL4R60D Datasheet HTML 2Page - List of Unclassifed Manufacturers QBOL4R60D Datasheet HTML 3Page - List of Unclassifed Manufacturers QBOL4R60D Datasheet HTML 4Page - List of Unclassifed Manufacturers QBOL4R60D Datasheet HTML 5Page - List of Unclassifed Manufacturers QBOL4R60D Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
QBOL4X60D
4mm Oval Lamp
Product: QBOL4X60D Series
Date: April 19, 2011
Page 1 of 6
Version# 1.2
Feature:
 Color Diffused lens
 Packed in Bulk, available in tape/reel
 Super bright 4mm oval lamp
 AllnGaP Red, InGaN Green/Blue
 110/60ºviewing angle
Description:
These super bright 4mm oval lamps with 6.2mm lens
height are suitable for all applications requiring higher
brightness.
Application:
 Electronic signs and electronics board
 LED lighting
Certification & Compliance:
 TS16949
 ISO9001
 RoHS Compliant
Dimension:
Units: mm / tolerance = +/-0.25mm


Similar Part No. - QBOL4R60D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBOL4R60D ETC2-QBOL4R60D Datasheet
470Kb / 6P
   4mm Oval Lamp
More results

Similar Description - QBOL4R60D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBOL4X60D ETC2-QBOL4X60D Datasheet
470Kb / 6P
   4mm Oval Lamp
logo
Inolux Corporation
HTOV411040XX INOLUX-HTOV411040XX Datasheet
609Kb / 10P
   4mm Oval Lamp
logo
BetLux Electronics
BL-L463 BETLUX-BL-L463 Datasheet
230Kb / 4P
   4mm Oval Type LED lamp
BL-L453 BETLUX-BL-L453 Datasheet
229Kb / 4P
   4mm Oval Type LED lamp
logo
TT Electronics.
OVLJGGD8 TTELEC-OVLJGGD8 Datasheet
653Kb / 4P
   Oval Green LED Lamp (4mm)
logo
OPTEK Technologies
OVLJBGD8 OPTEK-OVLJBGD8 Datasheet
622Kb / 4P
   Oval Blue LED Lamp (4mm)
logo
TT Electronics.
OVLJRGD8 TTELEC-OVLJRGD8 Datasheet
650Kb / 4P
   Oval Red LED Lamp (4mm)
OVLJBGD8 TTELEC-OVLJBGD8 Datasheet
624Kb / 4P
   Oval Blue LED Lamp (4mm)
logo
OPTEK Technologies
OVLJGGD8 OPTEK-OVLJGGD8 Datasheet
652Kb / 4P
   Oval Green LED Lamp (4mm)
OVLJRGD8 OPTEK-OVLJRGD8 Datasheet
649Kb / 4P
   Oval Red LED Lamp (4mm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com