Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5P49V5914 Datasheet(PDF) 16 Page - Integrated Device Technology

Part No. 5P49V5914
Description  Generates up to three independent output frequencies
Download  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

5P49V5914 Datasheet(HTML) 16 Page - Integrated Device Technology

Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
PROGRAMMABLE CLOCK GENERATOR
16
REVISION B 07/13/15
5P49V5914 DATASHEET
Table 17:DC Electrical Characteristics for LVDS(VDDO = 3.3V+5% or 2.5V+5%, TA = -40°C to +85°C)
Table 18:DC Electrical Characteristics for LVDS (VDDO = 1.8V+5%, TA = -40°C to +85°C)
Table 19:DC Electrical Characteristics for LVPECL (VDDO = 3.3V+5% or 2.5V+5%, TA = -40°C to
+85°C)
Symbol
Parameter
Min
Typ
Max
Unit
VOT (+) Differential Output Voltage for the TRUE binary state
247
454
mV
VOT (-)
Differential Output Voltage for the FALSE binary state
-247
-454
mV
VOT
Change in VOT between Complimentary Output States
50
mV
VOS
Output Common Mode Voltage (Offset Voltage)
1.125
1.25
1.375
V
VOS
Change in VOS between Complimentary Output States
50
mV
IOS
Outputs Short Circuit Current, VOUT+ or VOUT - = 0V or VDDO
924
mA
IOSD
Differential Outputs Short Circuit Current, VOUT+ = VOUT -
612
mA
Symbol
Parameter
Min
Typ
Max
Unit
VOT (+) Differential Output Voltage for the TRUE binary state
247
454
mV
VOT (-)
Differential Output Voltage for the FALSE binary state
-247
-454
mV
VOT
Change in VOT between Complimentary Output States
50
mV
VOS
Output Common Mode Voltage (Offset Voltage)
0.8
0.875
0.95
V
VOS
Change in VOS between Complimentary Output States
50
mV
IOS
Outputs Short Circuit Current, VOUT+ or VOUT - = 0V or VDDO
924
mA
IOSD
Differential Outputs Short Circuit Current, VOUT+ = VOUT -
612
mA
Symbol
Parameter
Min
Typ
Max
Unit
VOH
Output Voltage HIGH, terminated through 50
 tied to VDD - 2 V
VDDO - 1.19
VDDO - 0.69
V
VOL
Output Voltage LOW, terminated through 50
 tied to VDD - 2 V
VDDO - 1.94
VDDO - 1.4
V
VSWING Peak-to-Peak Output Voltage Swing
0.55
0.993
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn