Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5P49V5914 Datasheet(PDF) 15 Page - Integrated Device Technology

Part No. 5P49V5914
Description  Generates up to three independent output frequencies
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5914 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button 5P49V5914 Datasheet HTML 11Page - Integrated Device Technology 5P49V5914 Datasheet HTML 12Page - Integrated Device Technology 5P49V5914 Datasheet HTML 13Page - Integrated Device Technology 5P49V5914 Datasheet HTML 14Page - Integrated Device Technology 5P49V5914 Datasheet HTML 15Page - Integrated Device Technology 5P49V5914 Datasheet HTML 16Page - Integrated Device Technology 5P49V5914 Datasheet HTML 17Page - Integrated Device Technology 5P49V5914 Datasheet HTML 18Page - Integrated Device Technology 5P49V5914 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
REVISION B 07/13/15
15
PROGRAMMABLE CLOCK GENERATOR
5P49V5914 DATASHEET
Table 15:DC Electrical Characteristics for 2.5V LVCMOS (VDDO = 2.5V±5%, TA = -40°C to +85°C)
Table 16:DC Electrical Characteristics for 1.8V LVCMOS (VDDO = 1.8V±5%, TA = -40°C to +85°C)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
IOH = -12mA
0.7xVDDO
V
VOL
Output LOW Voltage
IOL = 12mA
0.4
V
IOZDD
Output Leakage Current (OUT1~3)
Tri-state outputs, VDDO = 2.625V
5µA
IOZDD
Output Leakage Current (OUT0)
Tri-state outputs, VDDO = 2.625V
30
µA
VIH
Input HIGH Voltage
Single-ended inputs - CLKSEL, SD/OE
0.7xVDDD
VDDD + 0.3
V
VIL
Input LOW Voltage
Single-ended inputs - CLKSEL, SD/OE
GND - 0.3
0.3xVDDD
V
VIH
Input HIGH Voltage
Single-ended input OUT0_SEL_I2CB
1.7
VDDO0 + 0.3
V
VIL
Input LOW Voltage
Single-ended input OUT0_SEL_I2CB
GND - 0.3
0.4
V
VIH
Input HIGH Voltage
Single-ended input - XIN/REF
0.8
1.2
V
VIL
Input LOW Voltage
Single-ended input - XIN/REF
GND - 0.3
0.4
V
TR/TF
Input Rise/Fall Time
CLKSEL, SD/OE, SEL1/SDA, SEL0/SCL
300
nS
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
IOH = -8mA
0.7 xVDDO
VDDO
V
VOL
Output LOW Voltage
IOL = 8mA
0.25 x VDDO
V
IOZDD
Output Leakage Current (OUT1~3)
Tri-state outputs, VDDO = 3.465V
5µA
IOZDD
Output Leakage Current (OUT0)
Tri-state outputs, VDDO = 2.625V
30
µA
VIH
Input HIGH Voltage
Single-ended inputs - CLKSEL, SD/OE
0.7 * VDDD
VDDD + 0.3
V
VIL
Input LOW Voltage
Single-ended inputs - CLKSEL, SD/OE
GND - 0.3
0.3 * VDDD
V
VIH
Input HIGH Voltage
Single-ended input OUT0_SEL_I2CB
0.65 * VDDO0
VDDO0 + 0.3
V
VIL
Input LOW Voltage
Single-ended input OUT0_SEL_I2CB
GND - 0.3
0.4
V
VIH
Input HIGH Voltage
Single-ended input - XIN/REF
0.8
1.2
V
VIL
Input LOW Voltage
Single-ended input - XIN/REF
GND - 0.3
0.4
V
TR/TF
Input Rise/Fall Time
CLKSEL, SD/OE, SEL1/SDA, SEL0/SCL
300
nS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn