Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5P49V5914 Datasheet(PDF) 14 Page - Integrated Device Technology

Part No. 5P49V5914
Description  Generates up to three independent output frequencies
Download  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

5P49V5914 Datasheet(HTML) 14 Page - Integrated Device Technology

Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
PROGRAMMABLE CLOCK GENERATOR
14
REVISION B 07/13/15
5P49V5914 DATASHEET
Table 13:Electrical Characteristics – Differential Clock Input Parameters 1,2 (Supply
Voltage VDDA, VDDD, VDDO0 = 3.3V ±5%, 2.5V ±5%, 1.8V ±5%, TA = -40°C to +85°C)
1. Guaranteed by design and characterization, not 100% tested in production.
2. Slew rate measured through ±75mV window centered around differential zero.
Table 14:DC Electrical Characteristics for 3.3V LVCMOS (VDDO = 3.3V±5%, TA = -40°C to +85°C)
1
1. See “Recommended Operating Conditions” table.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIH
Input HIGH Voltage–CLKIN, CLKINB
Single-ended input
0.55
1.7
V
VIL
Input LOW Voltage–CLKIN, CLKINB
Single-ended input
GND - 0.3
0.4
V
VSWING Input Amplitude - CLKIN, CLKINB
Peak to Peak value, single-ended
200
1200
mV
dv/dt
Input Slew Rate - CLKIN, CLKINB
Measured differentially
0.4
8
V/ns
IIL
Input Leakage Low Current
VIN = GND
-5
5
µA
IIH
Input Leakage High Current
VIN = 1.7V
20
µA
dTIN
Input Duty Cycle
Measurement from differential
waveform
45
55
%
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
IOH = -15mA
2.4
VDDO
V
VOL
Output LOW Voltage
IOL = 15mA
0.4
V
IOZDD
Output Leakage Current (OUT1~3)
Tri-state outputs, VDDO = 3.465V
5µA
IOZDD
Output Leakage Current (OUT0)
Tri-state outputs, VDDO = 2.625V
30
µA
VIH
Input HIGH Voltage
Single-ended inputs - CLKSEL, SD/OE
0.7xVDDD
VDDD + 0.3
V
VIL
Input LOW Voltage
Single-ended inputs - CLKSEL, SD/OE
GND - 0.3
0.3xVDDD
V
VIH
Input HIGH Voltage
Single-ended input OUT0_SEL_I2CB
2
VDDO0 + 0.3
V
VIL
Input LOW Voltage
Single-ended input OUT0_SEL_I2CB
GND - 0.3
0.4
V
VIH
Input HIGH Voltage
Single-ended input - XIN/REF
0.8
1.2
V
VIL
Input LOW Voltage
Single-ended input - XIN/REF
GND - 0.3
0.4
V
TR/TF
Input Rise/Fall Time
CLKSEL, SD/OE, SEL1/SDA, SEL0/SCL
300
nS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn