Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5P49V5914 Datasheet(PDF) 13 Page - Integrated Device Technology

Part No. 5P49V5914
Description  Generates up to three independent output frequencies
Download  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

5P49V5914 Datasheet(HTML) 13 Page - Integrated Device Technology

Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
REVISION B 07/13/15
13
PROGRAMMABLE CLOCK GENERATOR
5P49V5914 DATASHEET
Table 10:Input Capacitance, LVCMOS Output Impedance, and Internal Pull-down
Resistance (TA = +25 °C)
Table 11:Crystal Characteristics
Note: Typical crystal used is IDT 603-25-150 or FOX 603-25-150. For different reference crystal options please go to www.foxonline.com.
Table 12:DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
CIN
Input Capacitance (CLKIN, CLKINB, CLKSEL, SD/OE, SEL1/SDA,
SEL0/SCL)
37
pF
Pull-down
Resistor
CLKSEL, SD/OE, SEL1/SDA, SEL0/SCL, CLKIN, CLKINB,
OUT0_SEL_I2CB
100
300
k
ROUT
LVCMOS Output Driver Impedance (VDDO = 1.8V, 2.5V, 3.3V)
17
XIN/REF
Programmable input capacitance at XIN/REF
08
pF
XOUT
Programmable input capacitance at XOUT
08
pF
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Frequency
8
25
40
MHz
Equivalent Series Resistance (ESR)
10
100
Shunt Capacitance
7pF
Load Capacitance (CL) @ <=25 MHz
6
8
12
pF
Load Capacitance (CL) >25M to 40M
6
8
pF
Maximum Crystal Drive Level
100
µW
Fundamental
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Iddcore3
Core Supply Current
100 MHz on all outputs, 25 MHz
REFCLK
30
34
mA
LVPECL, 350 MHz, 3.3V VDDOx
42
47
mA
LVPECL, 350 MHz, 2.5V VDDOx
37
42
mA
LVDS, 350 MHz, 3.3V VDDOx
18
21
mA
LVDS, 350 MHz, 2.5V VDDOx
17
20
mA
LVDS, 350 MHz, 1.8V VDDOx
16
19
mA
HCSL, 250 MHz, 3.3V VDDOx, 2 pF load
29
33
mA
HCSL, 250 MHz, 2.5V VDDOx, 2 pF load
28
33
mA
LVCMOS, 50 MHz, 3.3V, VDDOx 1,2
16
18
mA
LVCMOS, 50 MHz, 2.5V, VDDOx 1,2
14
16
mA
LVCMOS, 50 MHz, 1.8V, VDDOx 1,2
12
13
mA
LVCMOS, 200 MHz, 3.3V VDDOx1
36
42
mA
LVCMOS, 200 MHz, 2.5V VDDOx1,2
27
32
mA
LVCMOS, 200 MHz, 1.8V VDDOx1,2
16
19
mA
Iddpd
Power Down Current
SD asserted, I2C Programming
10
14
µA
1. Single CMOS driver active.
2. Measured into a 5” 50 Ohm trace with 2 pF load.
3. Iddcore = IddA+ IddD, no loads.
Iddox
Output Buffer Supply Current


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn