Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5P49V5914 Datasheet(PDF) 12 Page - Integrated Device Technology

Part No. 5P49V5914
Description  Generates up to three independent output frequencies
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5914 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button 5P49V5914 Datasheet HTML 8Page - Integrated Device Technology 5P49V5914 Datasheet HTML 9Page - Integrated Device Technology 5P49V5914 Datasheet HTML 10Page - Integrated Device Technology 5P49V5914 Datasheet HTML 11Page - Integrated Device Technology 5P49V5914 Datasheet HTML 12Page - Integrated Device Technology 5P49V5914 Datasheet HTML 13Page - Integrated Device Technology 5P49V5914 Datasheet HTML 14Page - Integrated Device Technology 5P49V5914 Datasheet HTML 15Page - Integrated Device Technology 5P49V5914 Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
PROGRAMMABLE CLOCK GENERATOR
12
REVISION B 07/13/15
5P49V5914 DATASHEET
Table 8: Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the 5P49V5914. These ratings, which are standard values for IDT
commercially rated parts, are stress ratings only. Functional operation of the device at these or any other conditions above those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can affect
product reliability. Electrical parameters are guaranteed only over the recommended operating temperature range.
Table 9: Recommended Operation Conditions
Note: VDDO1, VDDO2, and VDDO3, must be powered on either before or simultaneously with VDDD, VDDA and VDDO0.
Item
Rating
Supply Voltage, VDDA, VDDD, VDDO
3.465V
Inputs
XIN/REF
CLKIN, CLKINB
Other inputs
0V to 1.2V voltage swing
0V to 1.2V voltage swing single-ended
-0.5V to VDDD
Outputs, VDDO (LVCMOS)
-0.5V to VDDO+ 0.5V
Outputs, IO (SDA)
10mA
Package Thermal Impedance,
JA
42
C/W (0 mps)
Package Thermal Impedance,
JC
41.8
C/W (0 mps)
Storage Temperature, TSTG
-65
C to 150C
ESD Human Body Model
2000V
Junction Temperature
125°C
Symbol
Parameter
Min
Typ
Max
Unit
VDDOX
Power supply voltage for supporting 1.8V outputs
1.71
1.8
1.89
V
VDDOX
Power supply voltage for supporting 2.5V outputs
2.375
2.5
2.625
V
VDDOX
Power supply voltage for supporting 3.3V outputs
3.135
3.3
3.465
V
VDDD
Power supply voltage for core logic functions
1.71
3.465
V
VDDA
Analog power supply voltage. Use filtered analog power
supply.
1.71
3.465
V
TA
Operating temperature, ambient
-40
+85
°C
CLOAD_OUT Maximum load capacitance (3.3V LVCMOS only)
15
pF
FIN
External reference crystal
140
MHz
External reference clock CLKIN, CLKINB
5350
tPU
Power up time for all VDDs to reach minimum specified
voltage (power ramps must be monotonic)
0.05
5
ms


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn