Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5P49V5914 Datasheet(PDF) 11 Page - Integrated Device Technology

Part No. 5P49V5914
Description  Generates up to three independent output frequencies
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5914 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 5P49V5914 Datasheet HTML 7Page - Integrated Device Technology 5P49V5914 Datasheet HTML 8Page - Integrated Device Technology 5P49V5914 Datasheet HTML 9Page - Integrated Device Technology 5P49V5914 Datasheet HTML 10Page - Integrated Device Technology 5P49V5914 Datasheet HTML 11Page - Integrated Device Technology 5P49V5914 Datasheet HTML 12Page - Integrated Device Technology 5P49V5914 Datasheet HTML 13Page - Integrated Device Technology 5P49V5914 Datasheet HTML 14Page - Integrated Device Technology 5P49V5914 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
REVISION B 07/13/15
11
PROGRAMMABLE CLOCK GENERATOR
5P49V5914 DATASHEET
Table 6: I2C Bus DC Characteristics
Table 7: I2C Bus AC Characteristics
Note 1: A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIH(MIN) of the SCL signal) to bridge
the undefined region of the falling edge of SCL.
Note 2: I2C inputs are 5V tolerant.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
Input HIGH Level
For SEL1/SDA pin and
SEL0/SCL pin.
0.7xVDDD
5.5 2
V
VIL
Input LOW Level
For SEL1/SDA pin and
SEL0/SCL pin.
GND-0.3
0.3xVDDD
V
VHYS
Hysteresis of Inputs
0.05xVDDD
V
IIN
Input Leakage Current
-1
30
µA
VOL
Output LOW Voltage
IOL = 3 mA
0.4
V
Symbol
Parameter
Min
Typ
Max
Unit
FSCLK
Serial Clock Frequency (SCL)
10
400
kHz
tBUF
Bus free time between STOP and START
1.3
µs
tSU:START
Setup Time, START
0.6
µs
tHD:START
Hold Time, START
0.6
µs
tSU:DATA
Setup Time, data input (SDA)
0.1
µs
tHD:DATA
Hold Time, data input (SDA) 1
0µs
tOVD
Output data valid from clock
0.9
µs
CB
Capacitive Load for Each Bus Line
400
pF
tR
Rise Time, data and clock (SDA, SCL)
20 + 0.1xCB
300
ns
tF
Fall Time, data and clock (SDA, SCL)
20 + 0.1xCB
300
ns
tHIGH
HIGH Time, clock (SCL)
0.6
µs
tLOW
LOW Time, clock (SCL)
1.3
µs
tSU:STOP
Setup Time, STOP
0.6
µs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn