Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5P49V5914 Datasheet(PDF) 10 Page - Integrated Device Technology

Part No. 5P49V5914
Description  Generates up to three independent output frequencies
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5914 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 5P49V5914 Datasheet HTML 6Page - Integrated Device Technology 5P49V5914 Datasheet HTML 7Page - Integrated Device Technology 5P49V5914 Datasheet HTML 8Page - Integrated Device Technology 5P49V5914 Datasheet HTML 9Page - Integrated Device Technology 5P49V5914 Datasheet HTML 10Page - Integrated Device Technology 5P49V5914 Datasheet HTML 11Page - Integrated Device Technology 5P49V5914 Datasheet HTML 12Page - Integrated Device Technology 5P49V5914 Datasheet HTML 13Page - Integrated Device Technology 5P49V5914 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
PROGRAMMABLE CLOCK GENERATOR
10
REVISION B 07/13/15
5P49V5914 DATASHEET
I2C Mode Operation
The device acts as a slave device on the I2C bus using one of
the two I2C addresses (0xD0 or 0xD4) to allow multiple
devices to be used in the system. The interface accepts
byte-oriented block write and block read operations. Two
address bytes specify the register address of the byte position
of the first register to write or read. Data bytes (registers) are
accessed in sequential order from the lowest to the highest
byte (most significant bit first). Read and write block transfers
can be stopped after any complete byte transfer. During a
write operation, data will not be moved into the registers until
the STOP bit is received, at which point, all data received in
the block write will be written simultaneously.
For full electrical I2C compliance, it is recommended to use
external pull-up resistors for SDATA and SCLK. The internal
pull-down resistors have a size of 100k
 typical.
I2C Slave Read and Write Cycle Sequencing
Current Read
S
Dev Addr + R
A
Data 0
A
Data 1
A
A
Data n
Abar
P
Sequential Read
S
Dev Addr + W
A
Data 0
A
Data 1
A
A
Data n
Abar
P
Reg start Addr
A
Sr
Dev Addr + R
A
Sequential Write
S
Dev Addr + W
A
Data 0
P
A
Data 1
A
A
Data n
A
from master to slave
from slave to master
Reg start Addr
A
S = start
Sr = repeated start
A = acknowledge
Abar= none acknowledge
P = stop


Similar Part No. - 5P49V5914

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
5P49V5914 IDT-5P49V5914 Datasheet
447Kb / 37P
   Programmable Clock Generator
5P49V5914 IDT-5P49V5914 Datasheet
508Kb / 36P
   Programmable Clock Generator
5P49V5914BdddNLGI IDT-5P49V5914BdddNLGI Datasheet
447Kb / 37P
   Programmable Clock Generator
5P49V5914BdddNLGI8 IDT-5P49V5914BdddNLGI8 Datasheet
447Kb / 37P
   Programmable Clock Generator
5P49V5914 IDT-5P49V5914_16 Datasheet
447Kb / 37P
   Programmable Clock Generator
More results

Similar Description - 5P49V5914

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
5P49V5927 IDT-5P49V5927 Datasheet
361Kb / 27P
   Generates up to three independent output frequencies
5P49V5943 IDT-5P49V5943 Datasheet
415Kb / 33P
   Generates up to two independent output frequencies
5P49V5913 IDT-5P49V5913 Datasheet
447Kb / 37P
   Generates up to two independent output frequencies
5P49V5944 IDT-5P49V5944 Datasheet
416Kb / 32P
   Generates up to two independent output frequencies
5P49V5901 IDT-5P49V5901 Datasheet
452Kb / 37P
   Generates up to four independent output frequencies
5P49V5923 IDT-5P49V5923 Datasheet
360Kb / 27P
   Generates up to two independent output frequencies
5P49V5925 IDT-5P49V5925 Datasheet
359Kb / 27P
   Generates up to four independent output frequencies
5P49V5929 IDT-5P49V5929 Datasheet
361Kb / 27P
   Generates up to four independent output frequencies
5P49V5935 IDT-5P49V5935 Datasheet
432Kb / 33P
   Generates up to four independent output frequencies
5P49V5933 IDT-5P49V5933 Datasheet
435Kb / 33P
   Generates up to two independent output frequencies
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz