Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5P49V5914 Datasheet(PDF) 7 Page - Integrated Device Technology

Part No. 5P49V5914
Description  Generates up to three independent output frequencies
Download  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5914 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 5P49V5914 Datasheet HTML 3Page - Integrated Device Technology 5P49V5914 Datasheet HTML 4Page - Integrated Device Technology 5P49V5914 Datasheet HTML 5Page - Integrated Device Technology 5P49V5914 Datasheet HTML 6Page - Integrated Device Technology 5P49V5914 Datasheet HTML 7Page - Integrated Device Technology 5P49V5914 Datasheet HTML 8Page - Integrated Device Technology 5P49V5914 Datasheet HTML 9Page - Integrated Device Technology 5P49V5914 Datasheet HTML 10Page - Integrated Device Technology 5P49V5914 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
REVISION B 07/13/15
7
PROGRAMMABLE CLOCK GENERATOR
5P49V5914 DATASHEET
Example 1
: The crystal load capacitance is specified as 8pF
and the stray capacitance at each crystal pin is Cs=1.5pF.
Assuming equal capacitance value at XIN and XOUT, the
equation is as follows:
8pF = (9pF + 0.5pF × XTAL[5:0] + 1.5pF) / 2
?
0.5pF × XTAL[5:0] = 5.5pF
? XTAL[5:0] = 11 (decimal)
Example 2
: The crystal load capacitance is specified as 12pF
and the stray capacitance Cs is unknown. Footprints for
external capacitors Ce are added and a worst case Cs of 5pF
is used. For now we use Cs + Ce = 5pF and the right value for
Ce can be determined later to make 5pF together with Cs.
12pF = (9pF + 0.5pF × XTAL[5:0] + 5pF) / 2
?
XTAL[5:0] = 20 (decimal)
Manual Switchover Mode
When SM[1:0] is ?0x?, the redundant inputs are in manual
switchover mode. In this mode, CLKSEL pin is used to switch
between the primary and secondary clock sources. The
primary and secondary clock source setting is determined by
the PRIMSRC bit. During the switchover, no glitches will occur
at the output of the device, although there may be frequency
and phase drift, depending on the exact phase and frequency
relationship between the primary and secondary clocks.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn