Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P49V5914 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 5P49V5914
Description  Generates up to three independent output frequencies
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5914 Datasheet(HTML) 5 Page - Integrated Device Technology

  5P49V5914 Datasheet HTML 1Page - Integrated Device Technology 5P49V5914 Datasheet HTML 2Page - Integrated Device Technology 5P49V5914 Datasheet HTML 3Page - Integrated Device Technology 5P49V5914 Datasheet HTML 4Page - Integrated Device Technology 5P49V5914 Datasheet HTML 5Page - Integrated Device Technology 5P49V5914 Datasheet HTML 6Page - Integrated Device Technology 5P49V5914 Datasheet HTML 7Page - Integrated Device Technology 5P49V5914 Datasheet HTML 8Page - Integrated Device Technology 5P49V5914 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
REVISION B 07/13/15
5
PROGRAMMABLE CLOCK GENERATOR
5P49V5914 DATASHEET
PLL Features and Descriptions
Spread Spectrum
To help reduce electromagnetic interference (EMI), the
5P49V5914 supports spread spectrum modulation. The
output clock frequencies can be modulated to spread energy
across a broader range of frequencies, lowering system EMI.
The 5P49V5914 implements spread spectrum using the
Fractional-N output divide, to achieve controllable modulation
rate and spreading magnitude. The Spread spectrum can be
applied to any output clock, any clock frequency, and any
spread amount from ±0.25% to ±2.5% center spread and
-0.5% to -5% down spread.
Table 2: Loop Filter
PLL loop bandwidth range depends on the input reference
frequency (Fref) and can be set between the loop bandwidth
range as shown in the table below.
Table 3: Configuration Table
This table shows the SEL1, SEL0 settings to select the
configuration stored in OTP. Four configurations can be stored
in OTP. These can be factory programmed or user
programmed.
At power up time, the SEL0 and SEL1 pins must be tied to
either the VDDD/VDDA power supply so that they ramp with
that supply or are tied low (this is the same as floating the
pins). This will cause the register configuration to be loaded
that is selected according to Table 3 above. Providing that
OUT0_SEL_I2CB was 1 at POR and OTP register 0:7=0, after
the first 10mS of operation the levels of the SELx pins can be
changed, either to low or to the same level as VDDD/VDDA.
The SELx pins must be driven with a digital signal of < 300nS
Rise/Fall time and only a single pin can be changed at a time.
After a pin level change, the device must not be interrupted for
at least 1ms so that the new values have time to load and take
effect.
If OUT0_SEL_I2CB was 0 at POR, alternate configurations
can only be loaded via the I2C interface.
Table 4: Input Clock Select
Input clock select. Selects the active input reference source in
manual switchover mode.
0 = XIN/REF, XOUT (default)
1 = CLKIN, CLKINB
CLKSEL Polarity can be changed by I2C programming as
shown in Table 4.
PRIMSRC is bit 1 of Register 0x13.
Input Reference
Frequency–Fref
(MHz)
Loop
Bandwidth
Min (kHz)
Loop
Bandwidth
Max (kHz)
540
126
350
300
1000
OUT0_SEL_I2CB
@ POR
SEL1 SEL0
I2C
Access
REG0:7 Config
10
0
No
0
0
10
1
No
0
1
11
0
No
0
2
11
1
No
0
3
0
X
X
Yes
1
I2C
defaults
0X
X
Yes
0
0
PRIMSRC
CLKSEL
Source
0
0
XIN/REF
0
1
CLKIN, CLKINB
1
0
CLKIN, CLKINB
1
1
XIN/REF


Similar Part No. - 5P49V5914

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5914 IDT-5P49V5914 Datasheet
447Kb / 37P
   Programmable Clock Generator
5P49V5914 IDT-5P49V5914 Datasheet
508Kb / 36P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V5914 RENESAS-5P49V5914 Datasheet
783Kb / 36P
   Programmable Clock Generator
SEPTEMBER 12, 2018
logo
Integrated Device Techn...
5P49V5914BdddNLGI IDT-5P49V5914BdddNLGI Datasheet
447Kb / 37P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V5914BDDDNLGI RENESAS-5P49V5914BDDDNLGI Datasheet
783Kb / 36P
   Programmable Clock Generator
SEPTEMBER 12, 2018
More results

Similar Description - 5P49V5914

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5927 IDT-5P49V5927 Datasheet
361Kb / 27P
   Generates up to three independent output frequencies
5P49V5943 IDT-5P49V5943 Datasheet
415Kb / 33P
   Generates up to two independent output frequencies
5P49V5913 IDT-5P49V5913 Datasheet
447Kb / 37P
   Generates up to two independent output frequencies
5P49V5944 IDT-5P49V5944 Datasheet
416Kb / 32P
   Generates up to two independent output frequencies
5P49V5925 IDT-5P49V5925 Datasheet
359Kb / 27P
   Generates up to four independent output frequencies
5P49V5929 IDT-5P49V5929 Datasheet
361Kb / 27P
   Generates up to four independent output frequencies
5P49V5935 IDT-5P49V5935 Datasheet
432Kb / 33P
   Generates up to four independent output frequencies
5P49V5901 IDT-5P49V5901 Datasheet
452Kb / 37P
   Generates up to four independent output frequencies
5P49V5923 IDT-5P49V5923 Datasheet
360Kb / 27P
   Generates up to two independent output frequencies
5P49V5933 IDT-5P49V5933 Datasheet
435Kb / 33P
   Generates up to two independent output frequencies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com