Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5P49V5914 Datasheet(PDF) 36 Page - Integrated Device Technology

Part No. 5P49V5914
Description  Generates up to three independent output frequencies
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5914 Datasheet(HTML) 36 Page - Integrated Device Technology

Back Button 5P49V5914 Datasheet HTML 29Page - Integrated Device Technology 5P49V5914 Datasheet HTML 30Page - Integrated Device Technology 5P49V5914 Datasheet HTML 31Page - Integrated Device Technology 5P49V5914 Datasheet HTML 32Page - Integrated Device Technology 5P49V5914 Datasheet HTML 33Page - Integrated Device Technology 5P49V5914 Datasheet HTML 34Page - Integrated Device Technology 5P49V5914 Datasheet HTML 35Page - Integrated Device Technology 5P49V5914 Datasheet HTML 36Page - Integrated Device Technology 5P49V5914 Datasheet HTML 37Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
PROGRAMMABLE CLOCK GENERATOR
36
REVISION B 07/13/15
5P49V5914 DATASHEET
Ordering Information
“G” after the two-letter package code denotes Pb-Free configuration, RoHS compliant.
Revision History
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
5P49V5914AdddNLGI
see page 32
Trays
24-pin VFQFPN
-40° to +85
C
5P49V5914AdddNLGI8
Tape and Reel
24-pin VFQFPN
-40° to +85
C
Rev.
Date
Originator
Description of Change
A
12/0414
B. Chandhoke Initial release.
B
07/13/15
B. Chandhoke 1. Added conditions text and min/max values for VIH/VIL.
2. Updated 1.8V, 2.5V, and 3.3V VIH/VIL conditions text and min/max values for "Single-ended
inputs - CLKSEL, SD/OE"
3. Changed name of parameter "Lock Time" to "Startup Time"
4. Added IDT and Fox crystal references.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn