Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5P49V5914 Datasheet(PDF) 31 Page - Integrated Device Technology

Part No. 5P49V5914
Description  Generates up to three independent output frequencies
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5914 Datasheet(HTML) 31 Page - Integrated Device Technology

Back Button 5P49V5914 Datasheet HTML 27Page - Integrated Device Technology 5P49V5914 Datasheet HTML 28Page - Integrated Device Technology 5P49V5914 Datasheet HTML 29Page - Integrated Device Technology 5P49V5914 Datasheet HTML 30Page - Integrated Device Technology 5P49V5914 Datasheet HTML 31Page - Integrated Device Technology 5P49V5914 Datasheet HTML 32Page - Integrated Device Technology 5P49V5914 Datasheet HTML 33Page - Integrated Device Technology 5P49V5914 Datasheet HTML 34Page - Integrated Device Technology 5P49V5914 Datasheet HTML 35Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
REVISION B 07/13/15
31
PROGRAMMABLE CLOCK GENERATOR
5P49V5914 DATASHEET
Termination for 2.5V LVPECL Outputs
Figures 2.5V LVPECL Driver Termination Example (1) and (2)
show examples of termination for 2.5V LVPECL driver. These
terminations are equivalent to terminating 50
 to VDDO – 2V.
For VDDO = 2.5V, the VDDO – 2V is very close to ground level.
The R3 in Figure 2.5V LVPECL Driver Termination Example
(3)
can be eliminated and the termination is shown in example
(2).
2.5V LVPECL Driver Termination Example (1)
2.5V LVPECL Driver Termination Example (2)
2.5V LVPECL Driver Termination Example (3)
2.5V LVPECL
Driver
Zo=50ohm
Zo=50ohm
2.5V
+
-
R2
R4
VDDO = 2.5V
62.5ohm
62.5ohm
2.5V
R1
R3
250ohm
250ohm
2.5V LVPECL
Driver
Zo=50ohm
Zo=50ohm
2.5V
+
-
R1
R2
VDDO = 2.5V
50ohm
50ohm
2.5V LVPECL
Driver
Zo=50ohm
Zo=50ohm
2.5V
+
-
R1
R2
VDDO = 2.5V
50ohm
50ohm
R3
18ohm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn