Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5P49V5914 Datasheet(PDF) 28 Page - Integrated Device Technology

Part No. 5P49V5914
Description  Generates up to three independent output frequencies
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5914 Datasheet(HTML) 28 Page - Integrated Device Technology

Back Button 5P49V5914 Datasheet HTML 24Page - Integrated Device Technology 5P49V5914 Datasheet HTML 25Page - Integrated Device Technology 5P49V5914 Datasheet HTML 26Page - Integrated Device Technology 5P49V5914 Datasheet HTML 27Page - Integrated Device Technology 5P49V5914 Datasheet HTML 28Page - Integrated Device Technology 5P49V5914 Datasheet HTML 29Page - Integrated Device Technology 5P49V5914 Datasheet HTML 30Page - Integrated Device Technology 5P49V5914 Datasheet HTML 31Page - Integrated Device Technology 5P49V5914 Datasheet HTML 32Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
PROGRAMMABLE CLOCK GENERATOR
28
REVISION B 07/13/15
5P49V5914 DATASHEET
CLKIN, CLKINB Input Driven by an LVDS Driver
Table 27: Bias Resistors for 3.3V LVPECL and LVDS Drive to CLKIN/B
2.5V Differential LVPECL Clock Input Interface
The maximum DC 2.5V LVPECL voltage meets the VIH max
CLKIN requirement. Therefore 2.5V LVPECL can be
connected directly to the CLKIN terminals without AC coupling
CLKIN, CLKINB Input Driven by a 2.5V LVPECL Driver
Vbias
(V)
Rpu1/2
(kohm)
CLKIN/B Bias Voltage
(V)
3.3
22
0.58
2.5
15
0.60
1.8
10
0.58
LVDS Driver
Zo=50ohm
Zo=50ohm
VersaClock 5 Receiver
Rterm
100ohm
Vbias
Rpu1
Rpu2
CLKIN
CLKINB
C1
0.1µF
C2
0.1µF
R1
4.7kohm
R2
4.7kohm
+2.5V LVPECL
Driver
Zo=50ohm
Zo=50ohm
R1
R2
50ohm
50ohm
RTT
18ohm
Versaclock 5 Receiver
CLKIN
CLKINB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn