Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5P49V5914 Datasheet(PDF) 27 Page - Integrated Device Technology

Part No. 5P49V5914
Description  Generates up to three independent output frequencies
Download  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5914 Datasheet(HTML) 27 Page - Integrated Device Technology

Back Button 5P49V5914 Datasheet HTML 23Page - Integrated Device Technology 5P49V5914 Datasheet HTML 24Page - Integrated Device Technology 5P49V5914 Datasheet HTML 25Page - Integrated Device Technology 5P49V5914 Datasheet HTML 26Page - Integrated Device Technology 5P49V5914 Datasheet HTML 27Page - Integrated Device Technology 5P49V5914 Datasheet HTML 28Page - Integrated Device Technology 5P49V5914 Datasheet HTML 29Page - Integrated Device Technology 5P49V5914 Datasheet HTML 30Page - Integrated Device Technology 5P49V5914 Datasheet HTML 31Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
REVISION B 07/13/15
27
PROGRAMMABLE CLOCK GENERATOR
5P49V5914 DATASHEET
Table 26 Nominal Voltage Divider Values vs Driver VDD
shows resistor values that ensure the maximum drive level for
the CLKIN port is not exceeded for all combinations of 5%
tolerance on the driver VDD, the VersaClock Vddo_0 and 5%
resistor tolerances. The values of the resistors can be
adjusted to reduce the loading for slower and weaker
LVCMOS driver by increasing the impedance of the R1-R2
divider. To assist this assessment, the total load on the driver
is included in the table.
Table 26: Nominal Voltage Divider Values vs Driver VDD
HCSL Differential Clock Input Interface
CLKIN/CLKINB will accept DC coupled HCSL signals.
CLKIN, CLKINB Input Driven by an HCSL Driver
3.3V Differential LVPECL Clock Input Interface
The logic levels of 3.3V LVPECL and LVDS can exceed VIH
max for the CLKIN/B pins. Therefore the LVPECL levels must
be AC coupled to the VersaClock differential input and the DC
bias restored with external voltage dividers. A single table of
bias resistor values is provided below for both for 3.3V
LVPECL and LVDS. Vbias can be VDDD, VDDOX or any other
available voltage at the VersaClock receiver that is most
conveniently accessible in layout.
CLKIN, CLKINB Input Driven by a 3.3V LVPECL Driver
LVCMOS Driver VDD
Ro+Rs
R1
R2
Vrx (peak)
Ro+Rs+R1+R2
3.3
50.0
130
75
0.97
255
2.5
50.0
100
100
1.00
250
1.8
50.0
62
130
0.97
242
Zo=50ohm
Zo=50ohm
CLKIN
CLKINB
VersaClock 5 Receiver
Q
nQ
+3.3V LVPECL
Driver
Zo=50ohm
Zo=50ohm
VersaClock 5 Receiver
R9
R10
50ohm
50ohm
Vbias
Rpu1
Rpu2
CLKIN
CLKINB
RTT
50ohm
C5
0.01µF
C6
0.01µF
R15
4.7kohm
R13
4.7kohm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn