Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5P49V5914 Datasheet(PDF) 26 Page - Integrated Device Technology

Part No. 5P49V5914
Description  Generates up to three independent output frequencies
Download  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5914 Datasheet(HTML) 26 Page - Integrated Device Technology

Back Button 5P49V5914 Datasheet HTML 22Page - Integrated Device Technology 5P49V5914 Datasheet HTML 23Page - Integrated Device Technology 5P49V5914 Datasheet HTML 24Page - Integrated Device Technology 5P49V5914 Datasheet HTML 25Page - Integrated Device Technology 5P49V5914 Datasheet HTML 26Page - Integrated Device Technology 5P49V5914 Datasheet HTML 27Page - Integrated Device Technology 5P49V5914 Datasheet HTML 28Page - Integrated Device Technology 5P49V5914 Datasheet HTML 29Page - Integrated Device Technology 5P49V5914 Datasheet HTML 30Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
PROGRAMMABLE CLOCK GENERATOR
26
REVISION B 07/13/15
5P49V5914 DATASHEET
CLKIN Equivalent Schematic
Wiring the Differential Input to Accept Single-Ended Levels
Figure Recommended Schematic for Wiring a Differential
Input to Accept Single-ended Levels
shows how a differential
input can be wired to accept single ended levels. This
configuration has three properties; the total output impedance
of Ro and Rs matches the 50 ohm transmission line
impedance, the Vrx voltage is generated at the CLKIN inputs
which maintains the LVCMOS driver voltage level across the
transmission line for best S/N and the R1-R2 voltage divider
values ensure that Vrx p-p at CLKIN is less than the maximum
value of 1.2V.
Recommended Schematic for Wiring a Differential Input to Accept Single-ended Levels
 
R1
R2
Vrx
Vers aClock 5 Receiver
CLKI N
CLKI NB
LVCMOS
VDD
Zo = 50 Ohm
Ro + Rs = 5 0
Rs
Ro


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn