Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5P49V5914 Datasheet(PDF) 24 Page - Integrated Device Technology

Part No. 5P49V5914
Description  Generates up to three independent output frequencies
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5914 Datasheet(HTML) 24 Page - Integrated Device Technology

Back Button 5P49V5914 Datasheet HTML 20Page - Integrated Device Technology 5P49V5914 Datasheet HTML 21Page - Integrated Device Technology 5P49V5914 Datasheet HTML 22Page - Integrated Device Technology 5P49V5914 Datasheet HTML 23Page - Integrated Device Technology 5P49V5914 Datasheet HTML 24Page - Integrated Device Technology 5P49V5914 Datasheet HTML 25Page - Integrated Device Technology 5P49V5914 Datasheet HTML 26Page - Integrated Device Technology 5P49V5914 Datasheet HTML 27Page - Integrated Device Technology 5P49V5914 Datasheet HTML 28Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
PROGRAMMABLE CLOCK GENERATOR
24
REVISION B 07/13/15
5P49V5914 DATASHEET
Overdriving the XIN/REF Interface
LVCMOS Driver
The XIN/REF input can be overdriven by an LVCMOS driver
or by one side of a differential driver through an AC coupling
capacitor. The XOUT pin can be left floating. The amplitude of
the input signal should be between 500mV and 1.2V and the
slew rate should not be less than 0.2V/ns. Figure General
Diagram for LVCMOS Driver to XTAL Input Interface shows an
example of the interface diagram for a LVCMOS driver.
This configuration has three properties; the total output
impedance of Ro and Rs matches the 50 ohm transmission
line impedance, the Vrx voltage is generated at the CLKIN
inputs which maintains the LVCMOS driver voltage level
across the transmission line for best S/N and the R1-R2
voltage divider values ensure that the clock level at XIN is less
than the maximum value of 1.2V.
General Diagram for LVCMOS Driver to XTAL Input Interface
Table 25 Nominal Voltage Divider Values vs LVCMOS VDD for
XIN
shows resistor values that ensure the maximum drive
level for the XIN/REF port is not exceeded for all combinations
of 5% tolerance on the driver VDD, the VersaClock VDDA and
5% resistor tolerances. The values of the resistors can be
adjusted to reduce the loading for slower and weaker
LVCMOS driver by increasing the voltage divider attenuation
as long as the minimum drive level is maintained over all
tolerances. To assist this assessment, the total load on the
driver is included in the table.
Table 25: Nominal Voltage Divider Values vs LVCMOS VDD for XIN
 
XOUT
XIN / REF
R1
R2
C3
0. 1 uF
V_XIN
LVCMOS
VDD
Ro
Ro + Rs =
50 o hms
Rs
Zo = 50 Ohm
LVCMOS Driver VDD
Ro+Rs
R1
R2
V_XIN (peak)
Ro+Rs+R1+R2
3.3
50.0
130
75
0.97
255
2.5
50.0
100
100
1.00
250
1.8
50.0
62
130
0.97
242


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn