Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5P49V5914 Datasheet(PDF) 21 Page - Integrated Device Technology

Part No. 5P49V5914
Description  Generates up to three independent output frequencies
Download  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5914 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button 5P49V5914 Datasheet HTML 17Page - Integrated Device Technology 5P49V5914 Datasheet HTML 18Page - Integrated Device Technology 5P49V5914 Datasheet HTML 19Page - Integrated Device Technology 5P49V5914 Datasheet HTML 20Page - Integrated Device Technology 5P49V5914 Datasheet HTML 21Page - Integrated Device Technology 5P49V5914 Datasheet HTML 22Page - Integrated Device Technology 5P49V5914 Datasheet HTML 23Page - Integrated Device Technology 5P49V5914 Datasheet HTML 24Page - Integrated Device Technology 5P49V5914 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
REVISION B 07/13/15
21
PROGRAMMABLE CLOCK GENERATOR
5P49V5914 DATASHEET
Table 24:Spread Spectrum Generation Specifications
Test Circuits and Loads
Test Circuits and Loads for Outputs
Symbol
Parameter
Description
Min
Typ
Max
Unit
fOUT
Output Frequency
Output Frequency Range
5300
MHz
fMOD
Mod Frequency
Modulation Frequency
30 to 63
kHz
fSPREAD Spread Value
Amount of Spread Value (programmable) - Center Spread
±0.25% to ±2.5%
%fOUT
Amount of Spread Value (programmable) - Down Spread
-0.5% to -5%
OUTx
VDDA
CLKOUT
GND
CL
0.1µF
VDDOx
0.1µF
VDDD
0.1µF
33
HCSL Output
33
50
50
HCSL Differential Output Test Load
2pF
2pF
Zo=100ohm differential


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn