Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5P49V5914 Datasheet(PDF) 20 Page - Integrated Device Technology

Part No. 5P49V5914
Description  Generates up to three independent output frequencies
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5914 Datasheet(HTML) 20 Page - Integrated Device Technology

Back Button 5P49V5914 Datasheet HTML 16Page - Integrated Device Technology 5P49V5914 Datasheet HTML 17Page - Integrated Device Technology 5P49V5914 Datasheet HTML 18Page - Integrated Device Technology 5P49V5914 Datasheet HTML 19Page - Integrated Device Technology 5P49V5914 Datasheet HTML 20Page - Integrated Device Technology 5P49V5914 Datasheet HTML 21Page - Integrated Device Technology 5P49V5914 Datasheet HTML 22Page - Integrated Device Technology 5P49V5914 Datasheet HTML 23Page - Integrated Device Technology 5P49V5914 Datasheet HTML 24Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
PROGRAMMABLE CLOCK GENERATOR
20
REVISION B 07/13/15
5P49V5914 DATASHEET
Table 22:PCI Express Jitter Specifications (VDDO = 3.3V+5% or 2.5V+5%, TA = -40°C to +85°C)
Note: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal
equilibrium has been reached under these conditions.
1. Peak-to-Peak jitter after applying system transfer function for the Common Clock Architecture. Maximum limit for PCI Express Gen 1.
2. RMS jitter after applying the two evaluation bands to the two transfer functions defined in the Common Clock Architecture and reporting the
worst case results for each evaluation band. Maximum limit for PCI Express Generation 2 is 3.1ps RMS for tREFCLK_HF_RMS (High Band)
and 3.0ps RMS for tREFCLK_LF_RMS (Low Band).
3. RMS jitter after applying system transfer function for the common clock architecture. This specification is based on the
PCI_Express_Base_r3.0 10 Nov, 2010 specification, and is subject to change pending the final release version of the specification.
4. This parameter is guaranteed by characterization. Not tested in production.
Table 23:Jitter Specifications 1,2,3
Symbol
Parameter
Conditions
Min
Typ
Max
PCIe Industry
Specification
Units
Notes
tJ
(PCIe Gen1)
Phase Jitter
Peak-to-Peak
ƒ = 100MHz, 25MHz Crystal Input
Evaluation Band: 0Hz - Nyquist
(clock frequency/2)
30
86
ps
1,4
tREFCLK_HF_RMS
(PCIe Gen2)
Phase Jitter RMS
ƒ = 100MHz, 25MHz Crystal Input
High Band: 1.5MHz - Nyquist (clock
frequency/2)
2.56
3.10
ps
2,4
tREFCLK_LF_RMS
(PCIe Gen2)
Phase Jitter RMS
ƒ = 100MHz, 25MHz Crystal Input
Low Band: 10kHz - 1.5MHz
0.27
3.0
ps
2,4
tREFCLK_RMS
(PCIe Gen3)
Phase Jitter RMS
ƒ = 100MHz, 25MHz Crystal Input
Evaluation Band: 0Hz - Nyquist
(clock frequency/2)
0.8
1.0
ps
3,4
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
GbE Random Jitter (12 kHz–20 MHz)4
JGbE
Crystal in = 25 MHz, All CLKn at 125 MHz5
-
0.79
0.95
ps
GbE Random Jitter (1.875–20 MHz)
RJGbE
Crystal in = 25 MHz, All CLKn at 125 MHz5
-
0.32
0.5
ps
OC-12 Random Jitter (12 kHz–5 MHz)
JOC12
CLKIN = 19.44 MHz, All CLKn at 155.52 MHz5
-
0.69
0.95
ps
PCI Express 1.1 Common Clocked
Total Jitter6
-9.1
12
ps
RMS Jitter6, 10 kHz to 1.5MHz
-
0.1
0.3
ps
RMS Jitter6, 1.5MHz to 50MHz
-
0.9
1.1
ps
PCI Express 3.0 Common Clocked
RMS Jitter6
-0.2
0.4
ps
2
For best jitter performance, keep the single ended clock input slew rates at more than 1.0 V/ns and the differential clock input slew rates more than 0.3 V/ns.
3
All jitter data in this table is based upon all output formats being differential. When single-ended outputs are used, there is the potential that the output jitter may increase
due to the nature of single-ended outputs. If your configuration implements any single-ended output and any output is required to have jitter less than 3 ps rms, contact
IDT for support to validate your configuration and ensure the best jitter performance. In many configurations, CMOS outputs have little to no effect upon jitter.
4
DJ for PCI and GbE is < 5 ps pp.
5
Output FOD in Integer mode.
6
All output clocks 100 MHz HCSL format. Jitter is from the PCIE jitter filter combination that produces the highest jitter. Jitter is measured w ith the Intel Clock Jitter Tool,
Ver. 1.6.6.
PCI Express 2.1 Common Clocked
Notes:
1
All measurements w ith Spread Spectrum Off.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn