Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5P49V5914 Datasheet(PDF) 19 Page - Integrated Device Technology

Part No. 5P49V5914
Description  Generates up to three independent output frequencies
Download  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

5P49V5914 Datasheet(HTML) 19 Page - Integrated Device Technology

Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
REVISION B 07/13/15
19
PROGRAMMABLE CLOCK GENERATOR
5P49V5914 DATASHEET
Cycle-to-Cycle jitter (Peak-to-Peak),
multiple output frequencies switching,
differential outputs (1.8V to 3.3V nominal
output voltage)
OUT0=25MHz
OUT1=100MHz
OUT2=125MHz
OUT3=156.25MHz
46
ps
Cycle-to-Cycle jitter (Peak-to-Peak),
multiple output frequencies switching,
LVCMOS outputs (1.8 to 3.3V nominal
output voltage)
OUT0=25MHz
OUT1=100MHz
OUT2=125MHz
OUT3=156.25MHz
74
ps
RMS Phase Jitter (12kHz to 5MHz
integration range) reference clock (OUT0),
25 MHz LVCMOS outputs (1.8 to 3.3V
nominal output voltage).
OUT0=25MHz
OUT1=100MHz
OUT2=125MHz
OUT3=156.25MHz
0.5
ps
RMS Phase Jitter (12kHz to 20MHz
integration range) differential output, VDDO
= 3.465V, 25MHz crystal, 156.25MHz
output frequency
OUT0=25MHz
OUT1=100MHz
OUT2=125MHz
OUT3=156.25MHz
0.75
1.5
ps
t7
Output Skew
Skew between the same frequencies, with
outputs using the same driver format and
phase delay set to 0 ns.
75
ps
t8 3
Startup Time
PLL lock time from power-up, measured
after all VDD's have raised above 90% of
their target value.
10
ms
t9 4
Startup Time
PLL lock time from shutdown mode
2ms
1. Practical lower frequency is determined by loop filter settings.
2. A slew rate of 2.75V/ns or greater should be selected for output frequencies of 100MHz or higher.
3. Includes loading the configuration bits from EPROM to PLL registers. It does not include EPROM programming/write time.
4. Actual PLL lock time depends on the loop configuration.
t6
Clock Jitter


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn