Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5P49V5914 Datasheet(PDF) 18 Page - Integrated Device Technology

Part No. 5P49V5914
Description  Generates up to three independent output frequencies
Download  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5914 Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button 5P49V5914 Datasheet HTML 14Page - Integrated Device Technology 5P49V5914 Datasheet HTML 15Page - Integrated Device Technology 5P49V5914 Datasheet HTML 16Page - Integrated Device Technology 5P49V5914 Datasheet HTML 17Page - Integrated Device Technology 5P49V5914 Datasheet HTML 18Page - Integrated Device Technology 5P49V5914 Datasheet HTML 19Page - Integrated Device Technology 5P49V5914 Datasheet HTML 20Page - Integrated Device Technology 5P49V5914 Datasheet HTML 21Page - Integrated Device Technology 5P49V5914 Datasheet HTML 22Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
PROGRAMMABLE CLOCK GENERATOR
18
REVISION B 07/13/15
5P49V5914 DATASHEET
Table 21:1AC Timing Electrical Characteristics
(VDDO = 3.3V+5% or 2.5V+5% or 1.8V ±5%, TA = -40°C to +85°C)
(Spread Spectrum Generation = OFF)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Input frequency limit (XIN)
840
MHz
Input frequency limit (REF)
1200
MHz
Input frequency limit (CLKIN, CLKINB)
1350
MHz
Single ended clock output limit (LVCMOS)
1200
Differential clock output limit (LVPECL/
LVDS/HCSL)
1350
fVCO
VCO Frequency
VCO operating frequency range
2800
MHz
fPFD
PFD Frequency
PFD operating frequency range
0.8 1
100
MHz
fBW
Loop Bandwidth
Input frequency = 25MHz
0.08
0.5
MHz
t2
Input Duty Cycle
Duty Cycle
45
55
%
All differential outputs except Reference
output
45
50
55
%
Measured at VDD/2, all outputs except
Reference output 2.5V and 3.3V
45
50
55
%
Measured at VDD/2, all outputs except
Reference output 1.8V
40
50
60
%
Measured at VDD/2, Reference output
(150.1MHz - 200MHz) with 50% input
40
50
60
%
Measured at VDD/2, Reference output(s)
(120.1MHz - 200MHz)
30
50
70
%
Slew Rate, SLEW[1:0] = 00
1.5
2.6
4.0
Slew Rate, SLEW[1:0] = 01
1.3
2.4
3.8
Slew Rate, SLEW[1:0] = 10
1.2
2.3
3.7
Slew Rate, SLEW[1:0] = 11
1.0
2.2
3.6
Slew Rate, SLEW[1:0] = 00
1.0
1.7
2.7
Slew Rate, SLEW[1:0] = 01
0.8
1.5
2.5
Slew Rate, SLEW[1:0] = 10
0.7
1.4
2.45
Slew Rate, SLEW[1:0] = 11
0.6
1.3
2.39
Slew Rate, SLEW[1:0] = 00
1.5
2.6
4.0
Slew Rate, SLEW[1:0] = 01
1.3
2.4
3.8
Slew Rate, SLEW[1:0] = 10
1.2
2.3
3.75
Slew Rate, SLEW[1:0] = 11
1.0
2.2
3.67
Rise Times
LVDS, 20% to 80%
300
Fall Times
LVDS, 80% to 20%
300
Rise Times
LVPECL, 20% to 80%
400
Fall Times
LVPECL, 80% to 20%
400
Single-ended 3.3V LVCMOS output clock
rise and fall time, 20% to 80% of VDDO
(Output Load = 5 pF) VDD=2.5V
Single-ended 3.3V LVCMOS output clock
rise and fall time, 20% to 80% of VDDO
(Output Load = 5 pF) VDD=1.8V
fOUT
Output Frequency
MHz
t5
ps
t4 2
Single-ended 3.3V LVCMOS output clock
rise and fall time, 20% to 80% of VDDO
(Output Load = 5 pF) VDD=3.3V
V/ns
fIN 1
Input Frequency
t3 5
Output Duty Cycle


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn