Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5P49V5914 Datasheet(PDF) 17 Page - Integrated Device Technology

Part No. 5P49V5914
Description  Generates up to three independent output frequencies
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5914 Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button 5P49V5914 Datasheet HTML 13Page - Integrated Device Technology 5P49V5914 Datasheet HTML 14Page - Integrated Device Technology 5P49V5914 Datasheet HTML 15Page - Integrated Device Technology 5P49V5914 Datasheet HTML 16Page - Integrated Device Technology 5P49V5914 Datasheet HTML 17Page - Integrated Device Technology 5P49V5914 Datasheet HTML 18Page - Integrated Device Technology 5P49V5914 Datasheet HTML 19Page - Integrated Device Technology 5P49V5914 Datasheet HTML 20Page - Integrated Device Technology 5P49V5914 Datasheet HTML 21Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
REVISION B 07/13/15
17
PROGRAMMABLE CLOCK GENERATOR
5P49V5914 DATASHEET
Table 20:Electrical Characteristics – DIF 0.7V HCSL Differential Outputs (VDDO = 3.3V±5%,
2.5V±5%, TA = -40°C to +85°C)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Notes
dV/dt
Slew Rate
Scope averaging on
1
4
V/ns
1,2,3
ΔdV/dt
Slew Rate
Scope averaging on
20
%
1,2,3
VHIGH
Voltage High
660
850
mV
1,6,7
VLOW
Voltage Low
-150
150
mV
1,6
VMAX
Maximum Voltage
1150
mV
1
VMIN
Minimum Voltage
-300
mV
1
VSWING
Voltage Swing
Scope averaging off
300
mV
1,2,6
VCROSS
Crossing Voltage Value
Scope averaging off
250
550
mV
1,4,6
?VCROSS Crossing Voltage variation
Scope averaging off
140
mV
1,5
Note 7. Measured with scope averaging off, using statistics function. Variation is difference between min. and max.
Note 4: VCROSS is defined as voltage where Clock = Clock# measured on a component test board and only applies to the differential rising edge (i.e.
Clock rising and Clock# falling).
Note 5: the total variation of all VCROSS measurements in any particular system. Note that this is a subset of VCROSS min/max (VCROSS absolute)
allowed. The intent is to limit VCROSS induced modulation by setting ?VCROSS to be smaller than VCROSS absolute.
Note 6: Measured from single-ended waveform.
Statistical measurement on single-ended
signal using oscilloscope math function
(Scope averaging ON)
Measurement on single-ended signal using
absolute value (Scope averaging off)
Note 1: Guaranteed by design and characterization. Not 100% tested in production
Note 2: Measured from differential waveform.
Note 3: Slew rate is measured through the VSWING voltage range centered around differential 0V. This results in a +/-150mV window around differntial
0V.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn