Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q825 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # Q825
Description  8-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

Q825 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button Q825 Datasheet HTML 2Page - List of Unclassifed Manufacturers Q825 Datasheet HTML 3Page - List of Unclassifed Manufacturers Q825 Datasheet HTML 4Page - List of Unclassifed Manufacturers Q825 Datasheet HTML 5Page - List of Unclassifed Manufacturers Q825 Datasheet HTML 6Page - List of Unclassifed Manufacturers Q825 Datasheet HTML 7Page - List of Unclassifed Manufacturers Q825 Datasheet HTML 8Page - List of Unclassifed Manufacturers Q825 Datasheet HTML 9Page - List of Unclassifed Manufacturers Q825 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Q825
8-PIN DIP PHOTOTRANSISTOR
OPTOCOUPLER
Product: Q825
Date: February 1, 2011
Page 7 of 10
Version# 1.1
Solder Profile & Footprint:
Recommended Solder Footprint for SMD Leadform
Units: mm
tolerance: +/- 0.1mm


Similar Part No. - Q825

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q827 ETC1-Q827 Datasheet
470Kb / 13P
   8-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
More results

Similar Description - Q825

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q827 ETC1-Q827 Datasheet
470Kb / 13P
   8-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Q815 ETC1-Q815 Datasheet
464Kb / 12P
   4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
CNY17-1 ETC2-CNY17-1 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Unisonic Technologies
83CXXX UTC-83CXXX_15 Datasheet
163Kb / 5P
   4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
List of Unclassifed Man...
CNY17 ETC1-CNY17 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Q814 ETC1-Q814 Datasheet
502Kb / 13P
   4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
TIL111 ETC1-TIL111 Datasheet
566Kb / 14P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
TIL111 ETC2-TIL111 Datasheet
566Kb / 14P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Everlight Electronics C...
EL827 EVERLIGHT-EL827 Datasheet
752Kb / 12P
   8 PIN DIP PHOTOTRANSISTOR
EL827 EVERLIGHT-EL827_13 Datasheet
982Kb / 12P
   8 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com