Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLP-6060-030-CW Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FLP-6060-030-CW
Description  LED Panel Light
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FLP-6060-030-CW Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  FLP-6060-030-CW Datasheet HTML 1Page - List of Unclassifed Manufacturers FLP-6060-030-CW Datasheet HTML 2Page - List of Unclassifed Manufacturers FLP-6060-030-CW Datasheet HTML 3Page - List of Unclassifed Manufacturers FLP-6060-030-CW Datasheet HTML 4Page - List of Unclassifed Manufacturers FLP-6060-030-CW Datasheet HTML 5Page - List of Unclassifed Manufacturers FLP-6060-030-CW Datasheet HTML 6Page - List of Unclassifed Manufacturers FLP-6060-030-CW Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
30W LED Panel Light
Product: FLP-6060-030-XX
Date: October 15, 2013
Page 7 of 7
Version# 1.0
Revision History
Description:
Revision #
Revision Date
New Release of FLP-6060-030-XX
V1.0
10/15/2013
Disclaimer
QT-BRIGHTEK reserves the right to make changes without further notice to any products herein
to improve reliability, function or design. QT-BRIGHTEK does not assume any liability arising out
of the application or use of any product or circuit described herein; neither does it convey any
license under its patent rights, nor the rights of others.
Life Support Policy
QT-BRIGHTEK’s products are not authorized for use as critical components in life support
devices or systems without the express written approval of QT-BRIGHTEK. As used herein:
1. Life support devices or systems are devices or systems which, (a) are intended for surgical
implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly
used in accordance with instructions for use provided in the labeling, can be reasonably expected
to result in a significant injury of the user.
2. A critical component in any component of a life support device or system whose failure to
perform can be reasonably expected to cause the failure of the life support device or system, or
to affect its safety or effectiveness.


Similar Part No. - FLP-6060-030-CW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLP-6060-040-CW ETC2-FLP-6060-040-CW Datasheet
1Mb / 7P
   LED Panel Light Series
FLP-6060-040-CW ETC1-FLP-6060-040-CW Datasheet
1Mb / 7P
   40W LED Panel Light
FLP-6060-040-NW ETC2-FLP-6060-040-NW Datasheet
1Mb / 7P
   LED Panel Light Series
FLP-6060-040-NW ETC1-FLP-6060-040-NW Datasheet
1Mb / 7P
   40W LED Panel Light
FLP-6060-040-WW ETC2-FLP-6060-040-WW Datasheet
1Mb / 7P
   LED Panel Light Series
More results

Similar Description - FLP-6060-030-CW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLP-6060-040-WW ETC1-FLP-6060-040-WW Datasheet
1Mb / 7P
   40W LED Panel Light
FLP-6060-040-WW ETC2-FLP-6060-040-WW Datasheet
1Mb / 7P
   LED Panel Light Series
FLP0606080WE03 ETC2-FLP0606080WE03 Datasheet
1Mb / 6P
   LED Panel Light Series
logo
Chicago Miniature Lamp,...
5894S CML-5894S Datasheet
66Kb / 1P
   Panel Mounted LED Indicator Light
logo
Visual Communications C...
5994S VCC-5994S Datasheet
87Kb / 1P
   Panel Mounted LED Indicator Light
logo
Chicago Miniature Lamp,...
5111F CML-5111F Datasheet
22Kb / 1P
   Panel Mounted LED Indicator Light
logo
Visual Communications C...
5101H VCC-5101H Datasheet
94Kb / 1P
   Panel Mounted LED Indicator Light
5110F VCC-5110F Datasheet
96Kb / 1P
   Panel Mounted LED Indicator Light
logo
Chicago Miniature Lamp,...
5994S CML-5994S Datasheet
65Kb / 1P
   Panel Mounted LED Indicator Light
logo
Visual Communications C...
5111F VCC-5111F Datasheet
100Kb / 1P
   Panel Mounted LED Indicator Light
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com