Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P49V5913 Datasheet(PDF) 27 Page - Integrated Device Technology

Part # 5P49V5913
Description  Generates up to two independent output frequencies
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5913 Datasheet(HTML) 27 Page - Integrated Device Technology

Back Button 5P49V5913 Datasheet HTML 23Page - Integrated Device Technology 5P49V5913 Datasheet HTML 24Page - Integrated Device Technology 5P49V5913 Datasheet HTML 25Page - Integrated Device Technology 5P49V5913 Datasheet HTML 26Page - Integrated Device Technology 5P49V5913 Datasheet HTML 27Page - Integrated Device Technology 5P49V5913 Datasheet HTML 28Page - Integrated Device Technology 5P49V5913 Datasheet HTML 29Page - Integrated Device Technology 5P49V5913 Datasheet HTML 30Page - Integrated Device Technology 5P49V5913 Datasheet HTML 31Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
REVISION B 07/13/15
27
PROGRAMMABLE CLOCK GENERATOR
5P49V5913 DATASHEET
Table 26 Nominal Voltage Divider Values vs Driver VDD
shows resistor values that ensure the maximum drive level for
the CLKIN port is not exceeded for all combinations of 5%
tolerance on the driver VDD, the VersaClock Vddo_0 and 5%
resistor tolerances. The values of the resistors can be
adjusted to reduce the loading for slower and weaker
LVCMOS driver by increasing the impedance of the R1-R2
divider. To assist this assessment, the total load on the driver
is included in the table.
Table 26: Nominal Voltage Divider Values vs Driver VDD
HCSL Differential Clock Input Interface
CLKIN/CLKINB will accept DC coupled HCSL signals.
CLKIN, CLKINB Input Driven by an HCSL Driver
3.3V Differential LVPECL Clock Input Interface
The logic levels of 3.3V LVPECL and LVDS can exceed VIH
max for the CLKIN/B pins. Therefore the LVPECL levels must
be AC coupled to the VersaClock differential input and the DC
bias restored with external voltage dividers. A single table of
bias resistor values is provided below for both for 3.3V
LVPECL and LVDS. Vbias can be VDDD, VDDOX or any other
available voltage at the VersaClock receiver that is most
conveniently accessible in layout.
CLKIN, CLKINB Input Driven by a 3.3V LVPECL Driver
LVCMOS Driver VDD
Ro+Rs
R1
R2
Vrx (peak)
Ro+Rs+R1+R2
3.3
50.0
130
75
0.97
255
2.5
50.0
100
100
1.00
250
1.8
50.0
62
130
0.97
242
Zo=50ohm
Zo=50ohm
CLKIN
CLKINB
VersaClock 5 Receiver
Q
nQ
+3.3V LVPECL
Driver
Zo=50ohm
Zo=50ohm
VersaClock 5 Receiver
R9
R10
50ohm
50ohm
Vbias
Rpu1
Rpu2
CLKIN
CLKINB
RTT
50ohm
C5
0.01µF
C6
0.01µF
R15
4.7kohm
R13
4.7kohm


Similar Part No. - 5P49V5913

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913 Datasheet
446Kb / 37P
   Programmable Clock Generator
5P49V5913 IDT-5P49V5913 Datasheet
524Kb / 36P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V5913 RENESAS-5P49V5913 Datasheet
818Kb / 36P
   Programmable Clock Generator
SEPTEMBER 12, 2018
logo
Integrated Device Techn...
5P49V5913BdddNLGI IDT-5P49V5913BdddNLGI Datasheet
482Kb / 37P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V5913BDDDNLGI RENESAS-5P49V5913BDDDNLGI Datasheet
818Kb / 36P
   Programmable Clock Generator
SEPTEMBER 12, 2018
More results

Similar Description - 5P49V5913

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5943 IDT-5P49V5943 Datasheet
415Kb / 33P
   Generates up to two independent output frequencies
5P49V5944 IDT-5P49V5944 Datasheet
416Kb / 32P
   Generates up to two independent output frequencies
5P49V5923 IDT-5P49V5923 Datasheet
360Kb / 27P
   Generates up to two independent output frequencies
5P49V5933 IDT-5P49V5933 Datasheet
435Kb / 33P
   Generates up to two independent output frequencies
5P49V5914 IDT-5P49V5914 Datasheet
448Kb / 37P
   Generates up to three independent output frequencies
5P49V5925 IDT-5P49V5925 Datasheet
359Kb / 27P
   Generates up to four independent output frequencies
5P49V5929 IDT-5P49V5929 Datasheet
361Kb / 27P
   Generates up to four independent output frequencies
5P49V5935 IDT-5P49V5935 Datasheet
432Kb / 33P
   Generates up to four independent output frequencies
5P49V5901 IDT-5P49V5901 Datasheet
452Kb / 37P
   Generates up to four independent output frequencies
5P49V5927 IDT-5P49V5927 Datasheet
361Kb / 27P
   Generates up to three independent output frequencies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com