Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4377 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4377
Description  5MHz, Low-Noise,Single, Dual, Quad CMOS Operational Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4377 Datasheet(HTML) 2 Page - Texas Instruments

  OPA4377 Datasheet HTML 1Page - Texas Instruments OPA4377 Datasheet HTML 2Page - Texas Instruments OPA4377 Datasheet HTML 3Page - Texas Instruments OPA4377 Datasheet HTML 4Page - Texas Instruments OPA4377 Datasheet HTML 5Page - Texas Instruments OPA4377 Datasheet HTML 6Page - Texas Instruments OPA4377 Datasheet HTML 7Page - Texas Instruments OPA4377 Datasheet HTML 8Page - Texas Instruments OPA4377 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
OPA377
OPA2377
OPA4377
SBOS504B
– FEBRUARY 2010 – REVISED JANUARY 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATING
(1)
Over operating free-air temperature range, unless otherwise noted.
OPA377, OPA2377, OPA4377
UNIT
Supply Voltage
VS = (V+) – (V–)
+7
V
Voltage(2)
(V
–) – 0.5 to (V+) + 0.5
V
Signal Input Terminals
Current(2)
±10
mA
Output Short-Circuit(3)
Continuous
Operating Temperature
TA
–40 to +150
°C
Storage Temperature
TA
–65 to +150
°C
Junction Temperature
TJ
+150
°C
Human Body Model
4000
V
ESD Rating
Charged Device Model
1000
V
Machine Model
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5V beyond the supply rails should
be current limited to 10mA or less.
(3)
Short-circuit to ground, one amplifier per package.
PACKAGE INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
SC70-5
DCK
OP377A
OPA377
SOT23-5
DBV
OP377A
SO-8
D
OP377A
SO-8
D
O2377A
OPA2377
MSOP-8
DGK
OTAQ
OPA4377
TSSOP-14
PW
O4377A
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
2
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): OPA377 OPA2377 OPA4377


Similar Part No. - OPA4377

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4377 TI1-OPA4377 Datasheet
1Mb / 27P
[Old version datasheet]   5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
OPA4377-Q1 TI1-OPA4377-Q1 Datasheet
978Kb / 26P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Amplifier
OPA4377-Q1 TI1-OPA4377-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Precision Automotive Grade Operational
OPA4377AIPW TI1-OPA4377AIPW Datasheet
1Mb / 26P
[Old version datasheet]   5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
OPA4377AIPW TI1-OPA4377AIPW Datasheet
1Mb / 27P
[Old version datasheet]   5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
More results

Similar Description - OPA4377

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2377 TI1-OPA2377 Datasheet
1Mb / 26P
[Old version datasheet]   5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
OPA377 TI1-OPA377_15 Datasheet
1Mb / 27P
[Old version datasheet]   5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
MC33078 ONSEMI-MC33078_11 Datasheet
421Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
logo
Intersil Corporation
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107_1009 INTERSIL-ISL28107_1009 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Texas Instruments
LMV771 TI-LMV771_15 Datasheet
1Mb / 34P
[Old version datasheet]   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com