Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P49V5901 Datasheet(PDF) 32 Page - Integrated Device Technology

Part # 5P49V5901
Description  Generates up to four independent output frequencies
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5901 Datasheet(HTML) 32 Page - Integrated Device Technology

Back Button 5P49V5901 Datasheet HTML 28Page - Integrated Device Technology 5P49V5901 Datasheet HTML 29Page - Integrated Device Technology 5P49V5901 Datasheet HTML 30Page - Integrated Device Technology 5P49V5901 Datasheet HTML 31Page - Integrated Device Technology 5P49V5901 Datasheet HTML 32Page - Integrated Device Technology 5P49V5901 Datasheet HTML 33Page - Integrated Device Technology 5P49V5901 Datasheet HTML 34Page - Integrated Device Technology 5P49V5901 Datasheet HTML 35Page - Integrated Device Technology 5P49V5901 Datasheet HTML 36Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
PROGRAMMABLE CLOCK GENERATOR
32
REVISION G 07/07/15
5P49V5901 DATASHEET
PCI Express Application Note
PCI Express jitter analysis methodology models the system
response to reference clock jitter. The block diagram below
shows the most frequently used Common Clock Architecture
in which a copy of the reference clock is provided to both ends
of the PCI Express Link.
In the jitter analysis, the transmit (Tx) and receive (Rx) serdes
PLLs are modeled as well as the phase interpolator in the
receiver. These transfer functions are called H1, H2, and H3
respectively. The overall system transfer function at the
receiver is:
The jitter spectrum seen by the receiver is the result of
applying this system transfer function to the clock spectrum
X(s) and is:
In order to generate time domain jitter numbers, an inverse
Fourier Transform is performed on X(s)*H3(s) * [H1(s) -
H2(s)].
PCI Express Common Clock Architecture
For PCI Express Gen 1, one transfer function is defined and the
evaluation is performed over the entire spectrum: DC to Nyquist (e.g
for a 100MHz reference clock: 0Hz – 50MHz) and the jitter result is
reported in peak-peak.
PCIe Gen1 Magnitude of Transfer Function
For PCI Express Gen2, two transfer functions are defined with 2
evaluation ranges and the final jitter number is reported in RMS. The
two evaluation ranges for PCI Express Gen 2 are 10kHz – 1.5MHz
(Low Band) and 1.5MHz – Nyquist (High Band). The plots show the
individual transfer functions as well as the overall transfer function Ht.
PCIe Gen2A Magnitude of Transfer Function
PCIe Gen2B Magnitude of Transfer Function
For PCI Express Gen 3, one transfer function is defined and the
evaluation is performed over the entire spectrum. The transfer
function parameters are different from Gen 1 and the jitter result is
reported in RMS.
Ht s

H3 s

H1 s
 H2 s


=
Ys

Xs
 H3 s

H1 s
 H2 s


=


Similar Part No. - 5P49V5901

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5901 IDT-5P49V5901 Datasheet
451Kb / 37P
   Programmable Clock Generator
5P49V5901 IDT-5P49V5901 Datasheet
533Kb / 37P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V5901 RENESAS-5P49V5901 Datasheet
788Kb / 37P
   Programmable Clock Generator
FEBRUARY 21, 2019
5P49V5901BDDDNLGI RENESAS-5P49V5901BDDDNLGI Datasheet
788Kb / 37P
   Programmable Clock Generator
FEBRUARY 21, 2019
5P49V5901BDDDNLGI8 RENESAS-5P49V5901BDDDNLGI8 Datasheet
788Kb / 37P
   Programmable Clock Generator
FEBRUARY 21, 2019
More results

Similar Description - 5P49V5901

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5925 IDT-5P49V5925 Datasheet
359Kb / 27P
   Generates up to four independent output frequencies
5P49V5929 IDT-5P49V5929 Datasheet
361Kb / 27P
   Generates up to four independent output frequencies
5P49V5935 IDT-5P49V5935 Datasheet
432Kb / 33P
   Generates up to four independent output frequencies
5P49V5943 IDT-5P49V5943 Datasheet
415Kb / 33P
   Generates up to two independent output frequencies
5P49V5914 IDT-5P49V5914 Datasheet
448Kb / 37P
   Generates up to three independent output frequencies
5P49V5913 IDT-5P49V5913 Datasheet
447Kb / 37P
   Generates up to two independent output frequencies
5P49V5944 IDT-5P49V5944 Datasheet
416Kb / 32P
   Generates up to two independent output frequencies
5P49V5923 IDT-5P49V5923 Datasheet
360Kb / 27P
   Generates up to two independent output frequencies
5P49V5927 IDT-5P49V5927 Datasheet
361Kb / 27P
   Generates up to three independent output frequencies
5P49V5933 IDT-5P49V5933 Datasheet
435Kb / 33P
   Generates up to two independent output frequencies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com