Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX474CUA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX474CUA
Description  Single/Dual/Quad, 10MHz Single-Supply Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX474CUA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX474CUA Datasheet HTML 4Page - Maxim Integrated Products MAX474CUA Datasheet HTML 5Page - Maxim Integrated Products MAX474CUA Datasheet HTML 6Page - Maxim Integrated Products MAX474CUA Datasheet HTML 7Page - Maxim Integrated Products MAX474CUA Datasheet HTML 8Page - Maxim Integrated Products MAX474CUA Datasheet HTML 9Page - Maxim Integrated Products MAX474CUA Datasheet HTML 10Page - Maxim Integrated Products MAX474CUA Datasheet HTML 11Page - Maxim Integrated Products MAX474CUA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Single/Dual/Quad, 10MHz
Single-Supply Op Amps
______________________________________________________________________________________
11
Full-Power Bandwidth
The MAX473/MAX474/MAX475’s fast 15V/µs slew rate
maximizes full-power bandwidth (FPBW). The FPBW is
given by:
SR
FPBW (Hz) = —————————————
π [VOUT peak-to-peak(max)]
where the slew rate (SR) is 15V/µs min. Figure 6 shows
the full-power bandwidth as a function of the peak-to-
peak AC output voltage.
Layout
A good layout improves performance by decreasing
the amount of stray capacitance at the amplifier’s
inputs and output. Since stray capacitance might be
unavoidable, minimize trace lengths and resistor leads,
and place external components as close to the pins as
possible.
Driving 390pF in parallel with 10k
Ω,
VCC = 5V, buffer configuration
VIN
VOUT
RL
10
MAX473/MAX474/
MAX475
CL
100
0.1
01
3
4
2
1
10
OUTPUT VOLTAGE SWING (Vp-p)
FULL-POWER
BANDWIDTH
SMALL-SIGNAL
GAIN BANDWIDTH
Figure 3. MAX474 Driving 390pF
Figure 4. Capacitive-Load Driving Circuit
Figure 5. The MAX473 easily drives 1000pF using the
Capacitive-Load Driving Circuit (Figure 4).
Figure 6. Full-Power Bandwidth vs. Peak-to-Peak AC Voltage


Similar Part No. - MAX474CUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4740 MAXIM-MAX4740 Datasheet
289Kb / 13P
   Quad SPDT Audio Switches
Rev 1; 11/07
MAX4740ETE++ MAXIM-MAX4740ETE+ Datasheet
289Kb / 13P
   Quad SPDT Audio Switches
Rev 1; 11/07
MAX4740EVE++ MAXIM-MAX4740EVE+ Datasheet
289Kb / 13P
   Quad SPDT Audio Switches
Rev 1; 11/07
MAX4740H MAXIM-MAX4740H Datasheet
289Kb / 13P
   Quad SPDT Audio Switches
Rev 1; 11/07
MAX4740HETE++ MAXIM-MAX4740HETE+ Datasheet
289Kb / 13P
   Quad SPDT Audio Switches
Rev 1; 11/07
More results

Similar Description - MAX474CUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_09 Datasheet
7Mb / 16P
   Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
logo
Intersil Corporation
EL2250 INTERSIL-EL2250_06 Datasheet
362Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
EL2450 INTERSIL-EL2450 Datasheet
419Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2250 RENESAS-EL2250 Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Elantec Semiconductor
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
   125MHz Single Supply Dual/Quad Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_08 Datasheet
6Mb / 17P
   1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
   Single/Quad/Dual Op Amps
Rev 5; 1/14
logo
Linear Technology
LT6205 LINER-LT6205_1 Datasheet
261Kb / 18P
   Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
LT6205 LINER-LT6205 Datasheet
430Kb / 16P
   Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
LT6207 LINER-LT6207_15 Datasheet
266Kb / 18P
   Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com