Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX498 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX498
Description  Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX498 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX498 Datasheet HTML 1Page - Maxim Integrated Products MAX498 Datasheet HTML 2Page - Maxim Integrated Products MAX498 Datasheet HTML 3Page - Maxim Integrated Products MAX498 Datasheet HTML 4Page - Maxim Integrated Products MAX498 Datasheet HTML 5Page - Maxim Integrated Products MAX498 Datasheet HTML 6Page - Maxim Integrated Products MAX498 Datasheet HTML 7Page - Maxim Integrated Products MAX498 Datasheet HTML 8Page - Maxim Integrated Products MAX498 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX498/MAX499 are high-speed, quad/triple, sin-
gle-pole/double-throw video switches with on-board
closed-loop buffer amplifiers. The buffer amplifiers fea-
ture +6dB gain (AVCL = 2V/V), 250MHz -3dB band-
width, 70MHz 0.1dB gain flatness, and 1250V/
µs slew
rate. Fast switching time (3ns) and fast settling time
(12ns for a 4V step) make these devices excellent
choices for a wide variety of video applications. The low
differential gain/phase errors (0.03%/0.06°) and wide
bandwidth make them ideal for both composite-video
and RGB applications. The amplifiers are capable of
delivering ±2.5V into back-terminated 50
Ω or 75Ω
cables, and they deliver ±2V to a 75
Ω load, allowing
multiple cables to be driven from a single output.
For implementation of large switch arrays, a low-power
disable mode places the amplifier outputs in a high-
impedance state. Channel selection and output
enable/disable are controlled by four TTL/CMOS-
compatible logic inputs. Each video input is isolated by
an AC-ground pin, which minimizes channel-to-channel
capacitance and reduces crosstalk to 90dB at 10MHz.
The four-channel MAX498 dissipates 390mW (typical)
from ±5VDC power supplies with all output buffers
enabled. Power consumption is reduced to 130mW with
all buffers disabled. The corresponding dissipation for
the three-channel MAX499 is 300mW enabled and
100mW disabled.
________________________Applications
Video Switching and Routing
Broadcast-Quality Composite-Video Multiplexing
Workstations
Video Editing
Broadcast and High-Definition TV Systems
Multimedia Products
Medical Imaging
____________________________Features
o High Speed:
250MHz Small-Signal -3dB Bandwidth
135MHz Full-Power -3dB Bandwidth
o 70MHz 0.1dB Gain Flatness
o 1250V/µs Slew Rate
o 12ns to 0.1% Settling Time
o 0.03°/0.06% Differential Phase/Gain Error
o 2pF Input Capacitance
o 3ns Channel-Switching Time
o 120mVp-p Channel-Switching Transient
o Three-State Output Allows Large Switch Arrays
o Directly Drives 50
Ω or 75Ω Back-Terminated
Cables
Quad/Triple, SPDT, RGB Switches
with 250MHz Video Buffer Amplifiers
________________________________________________________________
Maxim Integrated Products
1
_________________Pin Configurations
19-1143; Rev 0; 10/96
PART
MAX498CWI
MAX499CWG
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
28 SO
24 SO
______________Ordering Information
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
GND
LE
EN
A0
GND
IN2A
GND
IN1A
TOP VIEW
CS
OUT1
VCC
VEE
IN1B
VEE
VCC
IN3A
16
15
14
13
9
10
11
12
OUT2
N.C.
OUT3
N.C.
IN3B
GND
IN2B
GND
SO
MAX499
MAX498 appears at end of data sheet.
EVALUATION
KIT
AVAILABLE


Similar Part No. - MAX498

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4980ETA MAXIM-MAX4980ETA Datasheet
165Kb / 10P
   Overvoltage Protector with Active Current Limit
Rev 0; 5/08
MAX4981ETA MAXIM-MAX4981ETA Datasheet
165Kb / 10P
   Overvoltage Protector with Active Current Limit
Rev 0; 5/08
MAX4983E MAXIM-MAX4983E Datasheet
203Kb / 12P
   Hi-Speed USB 2.0 Switches with 짹15kV ESD
2008
MAX4983EEVB++ MAXIM-MAX4983EEVB+ Datasheet
203Kb / 12P
   Hi-Speed USB 2.0 Switches with 짹15kV ESD
2008
MAX4983EEVKIT MAXIM-MAX4983EEVKIT Datasheet
196Kb / 6P
   On-Board VBUS Power-Switching Circuit
Rev 0; 5/08
More results

Similar Description - MAX498

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1675 LINER-LT1675_15 Datasheet
787Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Amplifiers
LT1675-1 LINER-LT1675-1_15 Datasheet
787Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Amplifiers
LT1675 LINER-LT1675 Datasheet
326Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Current Feedback Amplifiers
logo
Analog Devices
ADG734 AD-ADG734_15 Datasheet
210Kb / 12P
   Triple/Quad SPDT Switches
REV. B
ADG733 AD-ADG733_15 Datasheet
210Kb / 12P
   Triple/Quad SPDT Switches
REV. B
logo
Maxim Integrated Produc...
MAX463 MAXIM-MAX463 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
logo
Renesas Technology Corp
HA-5033 RENESAS-HA-5033 Datasheet
701Kb / 12P
   250MHz Video Buffer
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033 Datasheet
235Kb / 9P
   250MHz Video Buffer
September 1998
HA-5033 INTERSIL-HA-5033_06 Datasheet
384Kb / 12P
   250MHz Video Buffer
logo
Linear Technology
LT6550 LINER-LT6550_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com