Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX496 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX496
Description  375MHz Quad Closed-Loop Video Buffers, AV = 1 and 2
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX496 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX496 Datasheet HTML 1Page - Maxim Integrated Products MAX496 Datasheet HTML 2Page - Maxim Integrated Products MAX496 Datasheet HTML 3Page - Maxim Integrated Products MAX496 Datasheet HTML 4Page - Maxim Integrated Products MAX496 Datasheet HTML 5Page - Maxim Integrated Products MAX496 Datasheet HTML 6Page - Maxim Integrated Products MAX496 Datasheet HTML 7Page - Maxim Integrated Products MAX496 Datasheet HTML 8Page - Maxim Integrated Products MAX496 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
375MHz Quad Closed-Loop
Video Buffers, AV = +1 and +2
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(VCC = +5V, VEE = -5V, RL = 100Ω, TA = +25°C, unless otherwise noted.)
1M
10M
1G
MAX496
SMALL-SIGNAL GAIN vs. FREQUENCY
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
FREQUENCY (Hz)
100M
MAX496
GAIN FLATNESS vs. FREQUENCY
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
FREQUENCY (Hz)
1M
10M
1G
100M
MAX496
LARGE-SIGNAL GAIN vs. FREQUENCY
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
FREQUENCY (Hz)
1M
10M
1G
100M
MAX497
SMALL-SIGNAL GAIN vs. FREQUENCY
-1
0
1
2
3
4
5
6
7
8
9
FREQUENCY (Hz)
1M
10M
1G
100M
1M
10M
1G
MAX496
SMALL-SIGNAL GAIN vs. FREQUENCY
DRIVING A 50
Ω LOAD
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
FREQUENCY (Hz)
100M
MAX497
GAIN FLATNESS vs. FREQUENCY
5.3
5.2
5.4
5.5
5.6
5.7
5.8
5.9
6.0
6.1
6.2
FREQUENCY (Hz)
1M
10M
1G
100M
SO
DIP
MAX497
LARGE-SIGNAL GAIN vs. FREQUENCY
-1
-2
0
1
2
3
4
5
6
7
8
FREQUENCY (Hz)
1M
10M
1G
100M
1M
10M
1G
MAX497
SMALL-SIGNAL GAIN vs. FREQUENCY
DRIVING A 50
Ω LOAD
-2
-1
0
1
2
3
4
5
6
7
8
FREQUENCY (Hz)
100M
0
-90
10k
1M
10M
100k
100M
TOTAL HARMONIC DISTORTION (THD)
vs. FREQUENCY
-80
-70
-60
-50
-40
-30
-20
-10
FREQUENCY (Hz)
MAX497
MAX496
VOUT = 2Vp-p


Similar Part No. - MAX496

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4960 MAXIM-MAX4960 Datasheet
335Kb / 17P
   High-Voltage OVP with Battery Switchover
Rev 0; 7/07
MAX4960ELB++ MAXIM-MAX4960ELB+ Datasheet
335Kb / 17P
   High-Voltage OVP with Battery Switchover
Rev 0; 7/07
MAX4960EUB++ MAXIM-MAX4960EUB+ Datasheet
335Kb / 17P
   High-Voltage OVP with Battery Switchover
Rev 0; 7/07
MAX4968 MAXIM-MAX4968 Datasheet
1Mb / 17P
   16-Channel, Linear, High-Voltage Analog Switches
Rev 2; 1/12
MAX4968A MAXIM-MAX4968A Datasheet
1Mb / 17P
   16-Channel, Linear, High-Voltage Analog Switches
Rev 2; 1/12
More results

Similar Description - MAX496

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4178 MAXIM-MAX4178 Datasheet
201Kb / 12P
   330MHz, Gain of 1/Gain of @ Closed-Loop Buffers
Rev 1; 5/97
logo
Intersil Corporation
HFA1412 INTERSIL-HFA1412 Datasheet
23Kb / 4P
   Quad, High Speed, Low Power, Video Closed Loop Buffer
June 1994
logo
National Semiconductor ...
CLC115 NSC-CLC115 Datasheet
350Kb / 6P
   Quad, Closed-Loop Monolithic Buffer
logo
Intersil Corporation
HS-1412RH INTERSIL-HS-1412RH Datasheet
174Kb / 11P
   Radiation Hardened, Quad, High Speed, Low Power, Video Closed Loop Buffer
logo
National Semiconductor ...
LMH6560 NSC-LMH6560_04 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
LMH6560 NSC-LMH6560 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
logo
Analog Devices
AD8074 AD-AD8074 Datasheet
306Kb / 16P
   500 MHz, G = -1 and 2 Triple Video Buffers with Disable
REV. A
AD8075ARUZ AD-AD8075ARUZ Datasheet
755Kb / 15P
   500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
AD8074Z-EVAL AD-AD8074Z-EVAL Datasheet
755Kb / 15P
   500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
logo
ON Semiconductor
NCS6433 ONSEMI-NCS6433 Datasheet
144Kb / 9P
   Wideband Quad 2:1 Video Switch
August, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com