Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX496 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX496
Description  375MHz Quad Closed-Loop Video Buffers, AV = 1 and 2
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX496 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX496 Datasheet HTML 1Page - Maxim Integrated Products MAX496 Datasheet HTML 2Page - Maxim Integrated Products MAX496 Datasheet HTML 3Page - Maxim Integrated Products MAX496 Datasheet HTML 4Page - Maxim Integrated Products MAX496 Datasheet HTML 5Page - Maxim Integrated Products MAX496 Datasheet HTML 6Page - Maxim Integrated Products MAX496 Datasheet HTML 7Page - Maxim Integrated Products MAX496 Datasheet HTML 8Page - Maxim Integrated Products MAX496 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
________________General Description
The MAX496 and MAX497 are quad, closed-loop, ±5V
video buffers that feature extremely high bandwidth and
slew rate for both component video (RGB or YUV) and
composite video (NTSC, PAL, SECAM). The MAX496 is
a unity-gain (0dB) buffer with a 375MHz -3dB bandwidth
and a 1600V/µs slew rate. The MAX497 gain of +2 (6dB)
buffer, optimized for driving back-terminated coaxial
cable, features a 275MHz -3dB bandwidth and a
1500V/µs slew rate. The MAX496/MAX497 are not slew-
rate limited, thus providing a high full-power bandwidth
of 230MHz and 215MHz, respectively.
The MAX496/MAX497 incorporate a unique two-stage
architecture that combines the low offset and noise
benefits of voltage feedback with the high bandwidth
and slew-rate advantages of current-mode-feedback.
________________________ Applications
Computer Workstations
Surveillance Video
Broadcast and High-Definition TV Systems
Multimedia Products
Medical Imaging
High-Speed Signal Processing
Video Switching and Routing
____________________________Features
o MAX496 Fixed Gain: +1V/V
MAX497 Fixed Gain: +2V/V
o High Speed:
Small-Signal -3dB Bandwidth: 375MHz (MAX496)
275MHz (MAX497)
Full-Power -3dB Bandwidth: 230MHz (MAX496)
215MHz (MAX497)
o 0.1dB Gain Flatness: 65MHz (MAX496)
120MHz (MAX497)
o 1600V/µs Slew Rate (MAX496)
1500V/µs Slew Rate (MAX497)
o Fast Settling Time: 12ns to 0.1%
o Lowest Differential Phase/Gain Error: 0.01°/0.01%
o 2pF Input Capacitance
o 5.6nV/
√Hz Input-Referred Voltage Noise
o Low Distortion: 64dBc (f = 10MHz)
o Directly Drives 50
Ω or 75Ω Back-Terminated Cables
o High ESD Protection: 5000V
o Output Short-Circuit Protected
375MHz Quad Closed-Loop
Video Buffers, AV = +1 and +2
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
OUT0
VCC
OUT1
VEE
IN1
GND
IN0
GND
TOP VIEW
MAX496
MAX497
OUT2
VEE
OUT3
VCC
IN3
GND
IN2
GND
DIP/SO
___________________Pin Configuration
1M
10M
1G
MAX497
SMALL-SIGNAL GAIN vs. FREQUENCY
-1
0
1
2
3
4
5
6
7
8
9
FREQUENCY (Hz)
100M
_______________Frequency Response
19-0373; Rev 1; 12/98
PART
MAX496CPE
MAX496CSE
MAX496C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 Plastic DIP
16 Narrow SO
Dice*
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
_______________Ordering Information
* Dice are specified at TA = +25°C, DC parameters only.
MAX497CPE
0°C to +70°C
16 Plastic DIP
MAX497CSE
0°C to +70°C
16 Narrow SO
MAX497C/D
0°C to +70°C
Dice*
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - MAX496

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4960 MAXIM-MAX4960 Datasheet
335Kb / 17P
   High-Voltage OVP with Battery Switchover
Rev 0; 7/07
MAX4960ELB++ MAXIM-MAX4960ELB+ Datasheet
335Kb / 17P
   High-Voltage OVP with Battery Switchover
Rev 0; 7/07
MAX4960EUB++ MAXIM-MAX4960EUB+ Datasheet
335Kb / 17P
   High-Voltage OVP with Battery Switchover
Rev 0; 7/07
MAX4968 MAXIM-MAX4968 Datasheet
1Mb / 17P
   16-Channel, Linear, High-Voltage Analog Switches
Rev 2; 1/12
MAX4968A MAXIM-MAX4968A Datasheet
1Mb / 17P
   16-Channel, Linear, High-Voltage Analog Switches
Rev 2; 1/12
More results

Similar Description - MAX496

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4178 MAXIM-MAX4178 Datasheet
201Kb / 12P
   330MHz, Gain of 1/Gain of @ Closed-Loop Buffers
Rev 1; 5/97
logo
Intersil Corporation
HFA1412 INTERSIL-HFA1412 Datasheet
23Kb / 4P
   Quad, High Speed, Low Power, Video Closed Loop Buffer
June 1994
logo
National Semiconductor ...
CLC115 NSC-CLC115 Datasheet
350Kb / 6P
   Quad, Closed-Loop Monolithic Buffer
logo
Intersil Corporation
HS-1412RH INTERSIL-HS-1412RH Datasheet
174Kb / 11P
   Radiation Hardened, Quad, High Speed, Low Power, Video Closed Loop Buffer
logo
National Semiconductor ...
LMH6560 NSC-LMH6560_04 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
LMH6560 NSC-LMH6560 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
logo
Analog Devices
AD8074 AD-AD8074 Datasheet
306Kb / 16P
   500 MHz, G = -1 and 2 Triple Video Buffers with Disable
REV. A
AD8075ARUZ AD-AD8075ARUZ Datasheet
755Kb / 15P
   500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
AD8074Z-EVAL AD-AD8074Z-EVAL Datasheet
755Kb / 15P
   500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
logo
ON Semiconductor
NCS6433 ONSEMI-NCS6433 Datasheet
144Kb / 9P
   Wideband Quad 2:1 Video Switch
August, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com