Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S113-X Datasheet(PDF) 5 Page - Solid State Optronic

Part # S113-X
Description  Zero-Volt Cross Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

S113-X Datasheet(HTML) 5 Page - Solid State Optronic

  S113-X Datasheet HTML 1Page - Solid State Optronic S113-X Datasheet HTML 2Page - Solid State Optronic S113-X Datasheet HTML 3Page - Solid State Optronic S113-X Datasheet HTML 4Page - Solid State Optronic S113-X Datasheet HTML 5Page - Solid State Optronic S113-X Datasheet HTML 6Page - Solid State Optronic S113-X Datasheet HTML 7Page - Solid State Optronic S113-X Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© 2015 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 5 of 8
S113-X /H/S/TR
Rev 1.00 (02/27/2015)
002404
S113-X
Zero Cross
800V / 0.8A
AC Solid State Relay
S113-X Package Dimensions
8 PIN DIP Package
Note: All dimensions in inches [“] with millimeters in parenthesis ()


Similar Part No. - S113-X

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S113 SSOUSA-S113 Datasheet
330Kb / 8P
   Zero-Volt Cross Switching
logo
Seiko Instruments Inc
S1131 SII-S1131 Datasheet
852Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1132 SII-S1132 Datasheet
573Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
logo
Hamamatsu Corporation
S1133 HAMAMATSU-S1133 Datasheet
152Kb / 4P
   Si photodiode
S1133-01 HAMAMATSU-S1133-01 Datasheet
152Kb / 4P
   Si photodiode
More results

Similar Description - S113-X

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S108 SSOUSA-S108 Datasheet
247Kb / 8P
   Zero-Volt Cross Switching
S942-X SSOUSA-S942-X Datasheet
275Kb / 7P
   Zero-Volt Cross Switching
S108-X SSOUSA-S108-X Datasheet
440Kb / 8P
   Zero-Volt Cross Switching
S109 SSOUSA-S109 Datasheet
247Kb / 8P
   Zero-Volt Cross Switching
S842 SSOUSA-S842_15 Datasheet
212Kb / 5P
   Zero-Volt Cross Switching
S109-X SSOUSA-S109-X Datasheet
275Kb / 8P
   Zero-Volt Cross Switching
S642-X SSOUSA-S642-X_15 Datasheet
275Kb / 7P
   Zero-Volt Cross Switching
S106 SSOUSA-S106_15 Datasheet
235Kb / 5P
   Zero-Volt Cross Switching
S112-X SSOUSA-S112-X Datasheet
347Kb / 8P
   Zero-Volt Cross Switching
S842-X SSOUSA-S842-X Datasheet
275Kb / 7P
   Zero-Volt Cross Switching
S106-X SSOUSA-S106-X_15 Datasheet
441Kb / 8P
   Zero-Volt Cross Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com