Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX481 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX481
Description  Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX481 Datasheet(HTML) 6 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Low-Power, Slew-Rate-Limited
RS-485/RS-422 Transceivers
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(VCC = 5V, TA = +25°C, unless otherwise noted.)
120
0
08
OUTPUT CURRENT vs.
DRIVER OUTPUT LOW VOLTAGE
20
100
OUTPUT LOW VOLTAGE (V)
6
60
40
24
80
10
12
140
-120
0
-7
-5
-1
5
OUTPUT CURRENT vs.
DRIVER OUTPUT HIGH VOLTAGE
-20
-80
OUTPUT HIGH VOLTAGE (V)
-3
1
-60
3
-6
-4
-2
0
2
4
-100
-40
100
-40
-60
-20
40
100 120
MAX1487
SUPPLY CURRENT vs. TEMPERATURE
300
TEMPERATURE (°C)
20
60 80
500
200
600
400
0
0
140
MAX1487; DE = VCC, RE = X
MAX1487; DE = 0V, RE = X
100
-50
-25
50
100
MAX481/MAX485/MAX490/MAX491
SUPPLY CURRENT vs. TEMPERATURE
300
TEMPERATURE (
°C)
25
75
500
200
600
400
0
0
125
MAX481/MAX485; DE = VCC, RE = X
MAX485; DE = 0, RE = X,
MAX481; DE = RE = 0
MAX490/MAX491; DE = RE = X
MAX481; DE = 0, RE = VCC
100
-50
-25
50
100
MAX483/MAX487–MAX489
SUPPLY CURRENT vs. TEMPERATURE
300
TEMPERATURE (
°C)
25
75
500
200
600
400
0
0
125
MAX483; DE = VCC, RE = X
MAX487; DE = VCC, RE = X
MAX483/MAX487; DE = 0, RE = VCC
MAX483/MAX487; DE = RE = 0,
MAX488/MAX489; DE = RE = X


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn