Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TPS7A4001-EP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS7A4001-EP
Description  TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TPS7A4001-EP Datasheet(HTML) 3 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
2
1
3
4
7
8
6
5
FB
NC
GND
OUT
EN
NC
NC
IN
TPS7A4001-EP
www.ti.com
SBVS226 – AUGUST 2015
5 Pin Configuration and Functions
DGN Package
8-Pin HVSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
OUT
1
O
Regulator output. A capacitor >4.7 µF must be tied from this pin to ground to assure stability.
FB
2
O
This pin is the input to the control-loop error amplifier. It is used to set the output voltage of the device.
3
NC
6
Not internally connected. This pin must either be left open or tied to GND.
7
GND
4
Ground
This pin turns the regulator on or off.
If VEN ≥ VEN_HI the regulator is enabled.
EN
5
I
If VEN ≤ VEN_LO, the regulator is disabled.
If not used, the EN pin can be connected to IN. Make sure that VEN ≤ VIN at all times.
IN
8
I
Input supply
Solder to printed-circuit-board (PCB) to enhance thermal performance.
PowerPAD
NOTE: The PowerPAD is internally connected to GND.
Although it can be left floating, TI highly recommends connecting the PowerPAD to the GND plane.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS7A4001-EP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn