Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A4001-EP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4001-EP
Description  TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A4001-EP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS7A4001-EP Datasheet HTML 4Page - Texas Instruments TPS7A4001-EP Datasheet HTML 5Page - Texas Instruments TPS7A4001-EP Datasheet HTML 6Page - Texas Instruments TPS7A4001-EP Datasheet HTML 7Page - Texas Instruments TPS7A4001-EP Datasheet HTML 8Page - Texas Instruments TPS7A4001-EP Datasheet HTML 9Page - Texas Instruments TPS7A4001-EP Datasheet HTML 10Page - Texas Instruments TPS7A4001-EP Datasheet HTML 11Page - Texas Instruments TPS7A4001-EP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
UVLO
Thermal
Shutdown
Current
Limit
Enable
Error
Amp
IN
EN
OUT
FB
Pass
Device
TPS7A4001-EP
SBVS226 – AUGUST 2015
www.ti.com
7 Detailed Description
7.1 Overview
The TPS7A4001-EP device belongs to a new generation of linear regulators that use an innovative BiCMOS
process technology to achieve very high maximum input and output voltages.
This process not only allows the TPS7A4001-EP device to maintain regulation during very fast high-voltage
transients up to 105 V, but it also allows the TPS7A4001-EP device to regulate from a continuous high-voltage
input rail. Unlike other regulators created using bipolar technology, the ground current of the TPS7A4001-EP
device is also constant over its output current range, resulting in increased efficiency and lower power
consumption.
These features, combined with a high thermal performance HVSSOP PowerPAD package, make this device
ideal for industrial and telecom applications.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Internal Current Limit
The fixed internal current limit of the TPS7A4001-EP device helps protect the regulator during fault conditions.
The maximum amount of current the device can source is the current limit (309 mA, typical), and is largely
independent of output voltage. For reliable operation, the device does not operate in current limit for extended
periods of time.
7.3.2 Enable Pin Operation
The TPS7A4001-EP device provides an enable pin (EN) feature that turns on the regulator when VEN > VEN_HI,
and disables the regulator when VEN < VEN_LO.
7.3.3 Thermal Protection
Thermal protection disables the output when the junction temperature rises to approximately 170°C, allowing the
device to cool. When the junction temperature cools to approximately 150°C, the output circuitry is enabled.
Depending on power dissipation, thermal resistance, and ambient temperature, the thermal protection circuit may
cycle on and off. This cycling limits the dissipation of the regulator, protecting it from damage as a result of
overheating.
Any tendency to activate the thermal protection circuit indicates excessive power dissipation or an inadequate
heatsink. For reliable operation, limit junction temperature to a maximum of 125°C. To estimate the margin of
safety in a complete design (including heatsink), increase the ambient temperature until the thermal protection is
triggered; use worst-case loads and signal conditions. For good reliability, trigger thermal protection at least 35°C
above the maximum expected ambient condition of your particular application. This configuration produces a
worst-case junction temperature of 125°C at the highest expected ambient temperature and worst-case load.
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS7A4001-EP


Similar Part No. - TPS7A4001-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4001-EP TI1-TPS7A4001-EP Datasheet
86Kb / 4P
[Old version datasheet]   VERY HIGH VOLTAGE LINEAR REGULATOR
TPS7A4001-EP TI1-TPS7A4001-EP_16 Datasheet
996Kb / 23P
[Old version datasheet]   100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
More results

Similar Description - TPS7A4001-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B7702-Q1 TI-TPS7B7702-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4001-EP TI1-TPS7A4001-EP_16 Datasheet
996Kb / 23P
[Old version datasheet]   100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4101 TI1-TPS7A4101 Datasheet
741Kb / 19P
[Old version datasheet]   50-V Input Voltage, 50-mA, Very High Voltage LINEAR REGULATOR
TPS7A4101 TI-TPS7A4101_15 Datasheet
941Kb / 23P
[Old version datasheet]   TPS7A41 50-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
logo
ON Semiconductor
NCP781 ONSEMI-NCP781 Datasheet
168Kb / 14P
   150 V, 100mA Very High Voltage Linear Regulator
April, 2017 ??Rev. 0
logo
Texas Instruments
TPS7A4201 TI1-TPS7A4201 Datasheet
740Kb / 19P
[Old version datasheet]   28-V Input Voltage, 50-mA Voltage Regulator
logo
Analog Devices
ADP1720-EP AD-ADP1720-EP Datasheet
905Kb / 12P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720ARMZ-5-R7 AD-ADP1720ARMZ-5-R7 Datasheet
369Kb / 16P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720 AD-ADP1720_15 Datasheet
369Kb / 16P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
logo
Texas Instruments
TPS7A4201_15 TI-TPS7A4201_15_15 Datasheet
932Kb / 22P
[Old version datasheet]   TPS7A4201 28-V Input Voltage, 50-mA Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com