Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4714 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4714
Description  0.8?? Low-Voltage, Single-Supply SPDT Analog Switch in SC70
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4714 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4714 Datasheet HTML 1Page - Maxim Integrated Products MAX4714 Datasheet HTML 2Page - Maxim Integrated Products MAX4714 Datasheet HTML 3Page - Maxim Integrated Products MAX4714 Datasheet HTML 4Page - Maxim Integrated Products MAX4714 Datasheet HTML 5Page - Maxim Integrated Products MAX4714 Datasheet HTML 6Page - Maxim Integrated Products MAX4714 Datasheet HTML 7Page - Maxim Integrated Products MAX4714 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
0.8
Ω, Low-Voltage, Single-Supply
SPDT Analog Switch in SC70
4
_______________________________________________________________________________________
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value is a maximum, is used in
this data sheet.
Note 3: SC70-packaged parts are 100% tested at +25°C. Limits across the full temperature range are guaranteed by design and
correlation.
Note 4:
∆RON = RON(MAX) - RON(MIN).
Note 5: Flatness is defined as the difference between the maximum and minimum values of on-resistance as measured over the
specified analog signal range.
Note 6: Guaranteed by design.
Note 7: Off-Isolation = 20log10 [VCOM / (VNC or VNO)], VCOM = output, VNC or VNO = input to off switch.
Note 8: Between the two switches.
ELECTRICAL CHARACTERISTICS—Single +1.8V Supply (continued)
(V+ = +1.8V, VIH = +1V, VIL = +0.4V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
LOGIC INPUT
Input Voltage Low
VIL
0.4
V
Input Voltage High
VIH
1V
Input Leakage Current
IIN
VIN = 0 or V+
1
µA
SUPPLY
+25
°C
0.04
0.2
Positive Supply Current
I+
VIN = 0 or V+
TMIN to TMAX
2
µA
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0.4
0.6
0.5
0.8
0.7
0.9
1.0
1.1
1.2
0
1.0
1.5
0.5
2.0
2.5
3.0
3.5
ON-RESISTANCE
vs. COM VOLTAGE OVER SUPPLY VOLTAGE
VCOM (V)
V+ = +1.8V
V+ = +2.0V
V+ = +2.5V
V+ = +2.7V
V+ = +3.0V
V+ = +3.6V
ICOM = 100mA
V+ = +3.3V
0.30
0.40
0.35
0.55
0.50
0.45
0.70
0.65
0.60
0.75
0
1.0
0.5
1.5
2.0
2.5
ON-RESISTANCE
vs. COM VOLTAGE OVER TEMPERATURE
VCOM (V)
V+ = +2.7V
ICOM = 100mA
TA = +85°C
TA = +65°C
TA = +25°C
TA = 0°C
TA = -20°C
TA = -40°C
0
6
4
2
8
10
12
14
16
18
20
1.0
2.0
1.5
2.5
3.0
3.5
TURN-ON/OFF TIMES
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
tON
tOFF
RL = 50


Similar Part No. - MAX4714

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4714 MAXIM-MAX4714 Datasheet
319Kb / 9P
   0.8?? Low-Voltage, Single-Supply SPDT Analog Switch in SC70
19-1982; Rev 1; 5/04
MAX4714ELT-T MAXIM-MAX4714ELT-T Datasheet
319Kb / 9P
   0.8?? Low-Voltage, Single-Supply SPDT Analog Switch in SC70
19-1982; Rev 1; 5/04
MAX4714EXT MAXIM-MAX4714EXT Datasheet
80Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
Rev. A April 16, 2002
MAX4714EXT-T MAXIM-MAX4714EXT-T Datasheet
319Kb / 9P
   0.8?? Low-Voltage, Single-Supply SPDT Analog Switch in SC70
19-1982; Rev 1; 5/04
MAX4714 MAXIM-MAX4714_V01 Datasheet
319Kb / 9P
   0.8?? Low-Voltage, Single-Supply SPDT Analog Switch in SC70
19-1982; Rev 1; 5/04
More results

Similar Description - MAX4714

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4714 MAXIM-MAX4714_V01 Datasheet
319Kb / 9P
   0.8?? Low-Voltage, Single-Supply SPDT Analog Switch in SC70
19-1982; Rev 1; 5/04
MAX4599EUT MAXIM-MAX4599EUT Datasheet
263Kb / 9P
   Low-Voltage, Single-Supply, SPDT Analog Switch in SC70
Rev 2; 2/04
MAX4599 MAXIM-MAX4599 Datasheet
128Kb / 8P
   Low-Voltage, Single-Supply, SPDT Analog Switch in SC70
Rev 0; 2/00
MAX4736 MAXIM-MAX4736 Datasheet
332Kb / 11P
   0.8?? Low-Voltage, Single-Supply, Dual SPDT Analog Switch
Rev 0; 4/02
logo
SG Micro Corp
SGM3157 SGMICRO-SGM3157_15 Datasheet
319Kb / 11P
   Low Voltage SPDT Analog Switch in 6-Pin SC70
logo
ON Semiconductor
NLAS4599 ONSEMI-NLAS4599_11 Datasheet
132Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
March, 2011 ??Rev. 11
NLAST4599 ONSEMI-NLAST4599_17 Datasheet
133Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
August, 2017 ??Rev. 9
NLAST4599 ONSEMI-NLAST4599 Datasheet
120Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
November, 2002 - Rev. 6
NLAST4599 ONSEMI-NLAST4599_06 Datasheet
138Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
May, 2006 ??Rev. 8
NLAS4599 ONSEMI-NLAS4599 Datasheet
100Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
June, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com