Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38502-ADJ Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP38502-ADJ
Description  LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulatorfor 2.7-V to 5.5-V Inputs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38502-ADJ Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP38502-ADJ Datasheet HTML 6Page - Texas Instruments LP38502-ADJ Datasheet HTML 7Page - Texas Instruments LP38502-ADJ Datasheet HTML 8Page - Texas Instruments LP38502-ADJ Datasheet HTML 9Page - Texas Instruments LP38502-ADJ Datasheet HTML 10Page - Texas Instruments LP38502-ADJ Datasheet HTML 11Page - Texas Instruments LP38502-ADJ Datasheet HTML 12Page - Texas Instruments LP38502-ADJ Datasheet HTML 13Page - Texas Instruments LP38502-ADJ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
LP38500-ADJ, LP38502-ADJ
SNVS539G – NOVEMBER 2007 – REVISED JUNE 2015
www.ti.com
Functional Block Diagrams (continued)
Figure 13. LP38502-ADJ WSON Block Diagram
7.3 Feature Description
7.3.1 Stability And Phase Margin
Any regulator which operates using a feedback loop must be compensated in such a way as to ensure adequate
phase margin, which is defined as the difference between the phase shift and –180 degrees at the frequency
where the loop gain crosses unity (0 dB). For most LDO regulators, the ESR of the output capacitor is required to
create a zero to add enough phase lead to ensure stable operation. The LP38500-ADJ and LP38502-ADJ each
have a unique internal compensation circuit which maintains phase margin regardless of the ESR of the output
capacitor, so any type of capacitor may be used.
Figure 14 shows the gain/phase plot of the LP38500-ADJ and LP38502-ADJ with an output of 1.2 V, a 10-µF
ceramic output capacitor, delivering 1.5 A of load current. It can be seen that the unity-gain crossover occurs at
150 kHz, and the phase margin is about 40° (which is very stable).
Figure 14. Gain-Bandwidth Plot for 1.5-A Load
Figure 15 shows the gain and phase with no external load. In this case, the only load is provided by the gain
setting resistors (about 12 k
Ω total in this test). It is immediately obvious that the unity-gain frequency is
significantly lower (dropping to about 500 Hz), at which point the phase margin is 125°.
10
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LP38500-ADJ LP38502-ADJ


Similar Part No. - LP38502-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38502ASD-ADJ NSC-LP38502ASD-ADJ Datasheet
343Kb / 16P
   1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
logo
Texas Instruments
LP38502ASD-ADJ/NOPB TI-LP38502ASD-ADJ/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   LP38500/2-ADJ, LP38500A/2A-ADJ 1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38502ASD-ADJ/NOPB TI1-LP38502ASD-ADJ/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   LP38500/2-ADJ, LP38500A/2A-ADJ 1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
logo
National Semiconductor ...
LP38502ASDX-ADJ NSC-LP38502ASDX-ADJ Datasheet
343Kb / 16P
   1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
logo
Texas Instruments
LP38502ASDX-ADJ/NOPB TI-LP38502ASDX-ADJ/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   LP38500/2-ADJ, LP38500A/2A-ADJ 1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
More results

Similar Description - LP38502-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38500-ADJ TI-LP38500-ADJ_15 Datasheet
1Mb / 28P
[Old version datasheet]   LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulator for 2.7-V to 5.5-V Inputs
LP38503-ADJ TI-LP38503-ADJ_15 Datasheet
1Mb / 27P
[Old version datasheet]   LP3850x-ADJ, LP3850xA-ADJ 3-A FlexCap Low Dropout Linear Regulator for 2.7-V to 5.5-V Inputs
LP38501-ADJ TI-LP38501-ADJ_15 Datasheet
1Mb / 27P
[Old version datasheet]   LP3850x-ADJ, LP3850xA-ADJ 3-A FlexCap Low Dropout Linear Regulator for 2.7-V to 5.5-V Inputs
LP38501TS-ADJ TI1-LP38501TS-ADJ Datasheet
1Mb / 22P
[Old version datasheet]   LP38501/3-ADJ, LP38501A/3A-ADJ 3A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38502SDX-ADJ TI1-LP38502SDX-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LP38500/2-ADJ, LP38500A/2A-ADJ 1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38500-ADJ TI-LP38500-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LP38500/2-ADJ, LP38500A/2A-ADJ 1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38501TJ-ADJ TI-LP38501TJ-ADJ Datasheet
383Kb / 18P
[Old version datasheet]   LP38501/3-ADJ, LP38501A/3A-ADJ 3A FlexCap Low Dropout Linear Regulator
LP3876-ADJ TI-LP3876-ADJ Datasheet
1,017Kb / 19P
[Old version datasheet]   LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
logo
Anaren Microwave
MSK5970RH ANAREN-MSK5970RH Datasheet
422Kb / 8P
   RAD HARD POSITIVE, 1.5 AMP, LOW DROPOUT ADJ VOLTAGE REGULATOR
logo
Texas Instruments
LP3876-ADJ TI-LP3876-ADJ_15 Datasheet
981Kb / 19P
[Old version datasheet]   LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com