Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRC-096S350ST Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TRC-096S350ST
Description  Switch Mode LED Drivers, Constant Current
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRC-096S350ST Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TRC-096S350ST Datasheet HTML 1Page - List of Unclassifed Manufacturers TRC-096S350ST Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
96W TRC-096 Series
Switch Mode LED Drivers,
Constant Current
Electrical Specifications
Input Voltage Range:
100-277 VAC Nom. (90-305 V Min/Max)
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ full load, 100V through 277V
Inrush Current:
69 Amps @ 230 VAC
Input Current:
1.2 Amps at 100 VAC
Maximum Power:
96W
Current Accuracy:
± 1%
Load Regulation:
± 3%
Total Harmonic Distortion: <20%
Turn-on Delay:
0.8S
Protection:
Output Over-Voltage, Output Over-Current,
Output Short Circuit Protection with Auto Recovery,
Over-Temperature Protections (110C)
Environmental Specifications
Minimum Starting Temp: -35ºC
Storage Temperature:
-40ºC to +85ºC
Maximum Case Temp.
89°C
Humidity:
10% to 100%
Cooling:
Convection
Sound Rating:
Class A
MTBF:
400,000 Hours @ 25ºC, 80% load, 110VAC on 4000mA
Output Model (MIL-HDBK-217F)
Lifetime:
50,000 Hours @ 60ºC
Weight:
1.87 lbs (850 g)
Constant Current Versions - Product Specifications
Model Number
Output Current
(mA)
Output Voltage
Range (Vdc)
Typical
Efficiency
TRC-096S035ST
350
137-274
91%
TRC-096S045ST
450
106-213
91%
TRC-096S070ST
700
68-137
90%
TRC-096S105ST
1050
46-92
90%
TRC-096S140ST
1400
35-69
89%
TRC-096S175ST
1750
27-54.8
89%
TRC-096S210ST
2100
22-45.7
88%
TRC-096S245ST
2450
19-39.1
88%
TRC-096S280ST
2800
17-34.2
88%
TRC-096S315ST
3150
15-30.4
87%
TRC-096S350ST
3500
13-27.4
87%
TRC-096S400ST
4000
12-24
87%
Class 2:
US/Canada
US Only
E332160
• Total Power: 96 Watts
• Input Voltage: 100-277 Vac Nom.
• UL Dry, Damp & Wet Location Rated
• IP67
• High Efficiency
• High Power Factor with Active Correction
• Output and Lightning Protection
Rev 9-1-15


Similar Part No. - TRC-096S350ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRC-096S350DT ETC2-TRC-096S350DT Datasheet
697Kb / 3P
   Switch Mode LED Drivers,Constant Current
More results

Similar Description - TRC-096S350ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRC-075D ETC2-TRC-075D Datasheet
731Kb / 3P
   Switch Mode LED Drivers - Constant Current
TRC-050S035ST ETC2-TRC-050S035ST Datasheet
547Kb / 1P
   Switch Mode LED Drivers,Constant Current
TRC-075S035ST ETC2-TRC-075S035ST Datasheet
580Kb / 2P
   Switch Mode LED Drivers - Constant Current
TRC-096S035DT ETC2-TRC-096S035DT Datasheet
697Kb / 3P
   Switch Mode LED Drivers,Constant Current
TRC-050S035DT ETC2-TRC-050S035DT Datasheet
722Kb / 3P
   Switch Mode LED Drivers - Constant Current
TRC-060S035ST ETC2-TRC-060S035ST Datasheet
536Kb / 2P
   Switch Mode LED Drivers Constant Current
TRC-120S035DT ETC2-TRC-120S035DT Datasheet
687Kb / 3P
   120W Switch Mode LED Drivers Constant Current
LED-20W ETC2-LED-20W Datasheet
777Kb / 4P
   Switch Mode LED Drivers with Isolation, Constant Current, Dimming & Constant Voltage
TRC-025S035DS ETC2-TRC-025S035DS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
logo
PAIRUI GROUP INC.
LNU-25C PAIRUI-LNU-25C Datasheet
377Kb / 3P
   Constant current LED Drivers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com