Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRC-120S140DT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TRC-120S140DT
Description  120W Switch Mode LED Drivers Constant Current
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRC-120S140DT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TRC-120S140DT Datasheet HTML 1Page - List of Unclassifed Manufacturers TRC-120S140DT Datasheet HTML 2Page - List of Unclassifed Manufacturers TRC-120S140DT Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 2 of 3
SSL Solutions Faster Than The Speed Of Light®
Output
Red (+)
Black (-)
Input
Black (L)
White (N)
Green (GND)
Dimming
Yellow (10V)
Purple (0-10V)
Green (GND)
WIRE SPECS:
AC Input: UL SJTW, 18AWG
DC Output: UL STW, 18AWG
Dimming Control: UL2464, 22AWG
650±20
50±5
10.5
8
50±5
45±5
35±5
25±5
210±20
230±20
36.5
Ø7.8±0.2
Ø8.9±0.2
Ø4.2±0.2
221
208
205
194
190
50%
Load
Power Factor / Load
60%
70%
80%
90%
100%
50%
Load
THD / Load
60%
70%
80%
90%
100%
120Vac
277Vac
120Vac
277Vac
0.00
0.10
0.40
0.30
0.20
0.50
0.80
0.70
0.60
0.90
1.00
0%
20%
15%
10%
30%
25%
35%
40%
45%
50%
Typical Efficiency / Load
75%
70%
80%
85%
90%
100%
95%
Normalized Output Voltage
60%
70%
80%
90%
100%
120Vac
277Vac
Case Temperature (°C)
Lifetime / Case Temperature
30
0
15
30
45
60
75
120
135
90
105
40
50
60
70
80
90
Derating Curve
Derating Curve
0
-35
-20
-5
10
25
40
55
70
90
120
150
180
210
240
270
300
330
20
40
60
80
100
Ambient Temperature (°C)
0
20
40
60
80
100
Input Voltage (V)
Output
Red (+)
Black (-)
Input
Black (L)
White (N)
Green (GND)
WIRE SPECS:
AC Input: UL SJTW, 18AWG
DC Output: UL STW, 18AWG
650±20
50±5
50±5
10.5
8
230±20
36.5
Ø7.8±0.2
Ø8.9±0.2
221
208
205
194
190
Dimming:
Fixed:
TRC-120 Series


Similar Part No. - TRC-120S140DT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRC-100S035DT ETC2-TRC-100S035DT Datasheet
633Kb / 3P
   100W Switch Mode Constant Current LED Drivers,Damp & Wet Location Rated
TRC-100S035ST ETC2-TRC-100S035ST Datasheet
633Kb / 3P
   100W Switch Mode Constant Current LED Drivers,Damp & Wet Location Rated
TRC-100S045DT ETC2-TRC-100S045DT Datasheet
633Kb / 3P
   100W Switch Mode Constant Current LED Drivers,Damp & Wet Location Rated
TRC-100S045ST ETC2-TRC-100S045ST Datasheet
633Kb / 3P
   100W Switch Mode Constant Current LED Drivers,Damp & Wet Location Rated
TRC-100S070DT ETC2-TRC-100S070DT Datasheet
633Kb / 3P
   100W Switch Mode Constant Current LED Drivers,Damp & Wet Location Rated
More results

Similar Description - TRC-120S140DT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRC-075D ETC2-TRC-075D Datasheet
731Kb / 3P
   Switch Mode LED Drivers - Constant Current
TRC-050S035ST ETC2-TRC-050S035ST Datasheet
547Kb / 1P
   Switch Mode LED Drivers,Constant Current
TRC-075S035ST ETC2-TRC-075S035ST Datasheet
580Kb / 2P
   Switch Mode LED Drivers - Constant Current
TRC-096S035ST ETC2-TRC-096S035ST Datasheet
521Kb / 2P
   Switch Mode LED Drivers, Constant Current
TRC-096S035DT ETC2-TRC-096S035DT Datasheet
697Kb / 3P
   Switch Mode LED Drivers,Constant Current
TRC-050S035DT ETC2-TRC-050S035DT Datasheet
722Kb / 3P
   Switch Mode LED Drivers - Constant Current
TRC-060S035ST ETC2-TRC-060S035ST Datasheet
536Kb / 2P
   Switch Mode LED Drivers Constant Current
LED-20W ETC2-LED-20W Datasheet
777Kb / 4P
   Switch Mode LED Drivers with Isolation, Constant Current, Dimming & Constant Voltage
TRC-025S035DS ETC2-TRC-025S035DS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
logo
PAIRUI GROUP INC.
LNU-25C PAIRUI-LNU-25C Datasheet
377Kb / 3P
   Constant current LED Drivers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com