Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRC-075S375DT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TRC-075S375DT
Description  Switch Mode LED Drivers - Constant Current
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRC-075S375DT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TRC-075S375DT Datasheet HTML 1Page - List of Unclassifed Manufacturers TRC-075S375DT Datasheet HTML 2Page - List of Unclassifed Manufacturers TRC-075S375DT Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 3 of 3
SSL Solutions Faster Than The Speed Of Light®
Dimming Control Details
Notes:
1. If the dimming function is not used, the dimming leads should be floated.
2. Io is actual output current and Ir is rated current without dimming control.
3. For the driver to operate properly, the load voltage must be maintained above the minimum voltage threshold
(approx. 50% of the max. output voltage for any given model).
4. If the output voltage is maintained above 50% of the maximum output voltage, the dimming control may be
operated over the entire 1-10V range with output current varying from 100% down to practically 10%.
5. The dimming signal is allowed to be less than 1V, however, when 0-1V, the output current can maintain about 10%Ir.
When 8.5-10V, the output current can maintain about 100%Ir.
6. Do not connect the GND of dimming to the output; otherwise the LED driver will not function properly.
Parameters
Minimum
Typical
Maximum
10V output voltage
9.8 V
10 V
10.2 V
10V output source current
0 mA
10 mA
Absolute maximum voltage on the 0-10V input pin
-2 V
12 V
Source current on 0-10V input pin
0 uA
0.5 mA
Value of Rin (the resistor inside the LED driver which is
located between the 1-10V input pin and the 10V output pin)
19.8K
20K
20.2K
The dimmer control is operated from either a potentiometer or from an input signal of 1 – 10 Vdc.
Recommended implementations are provided below.
Option 1 - DC Input
Rin
Rx
Rin
10V Output (Yellow)
1-10V Input (Purple)
GND (Green)
10V Output (Yellow)
1-10V Input (Purple)
GND (Green)
1-10Vdc V
Option 2 - External Resistor
TRC-075xxxxDT
TRC-075xxxxDT
Vdim (V)
Output Current / Dimming Voltage
0%
20%
40%
60%
80%
100%
0
1
2
3
4
5
6
7
9
8
10
Rx (kΩ)
Output Current / Rx
0%
20%
40%
60%
80%
100%
0
20
40
60
80
100
120
140
160
TRC-075 Dimming Series


Similar Part No. - TRC-075S375DT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRC-075S375ST ETC2-TRC-075S375ST Datasheet
580Kb / 2P
   Switch Mode LED Drivers - Constant Current
More results

Similar Description - TRC-075S375DT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRC-050S035ST ETC2-TRC-050S035ST Datasheet
547Kb / 1P
   Switch Mode LED Drivers,Constant Current
TRC-075S035ST ETC2-TRC-075S035ST Datasheet
580Kb / 2P
   Switch Mode LED Drivers - Constant Current
TRC-096S035ST ETC2-TRC-096S035ST Datasheet
521Kb / 2P
   Switch Mode LED Drivers, Constant Current
TRC-096S035DT ETC2-TRC-096S035DT Datasheet
697Kb / 3P
   Switch Mode LED Drivers,Constant Current
TRC-050S035DT ETC2-TRC-050S035DT Datasheet
722Kb / 3P
   Switch Mode LED Drivers - Constant Current
TRC-060S035ST ETC2-TRC-060S035ST Datasheet
536Kb / 2P
   Switch Mode LED Drivers Constant Current
TRC-120S035DT ETC2-TRC-120S035DT Datasheet
687Kb / 3P
   120W Switch Mode LED Drivers Constant Current
LED-20W ETC2-LED-20W Datasheet
777Kb / 4P
   Switch Mode LED Drivers with Isolation, Constant Current, Dimming & Constant Voltage
TRC-025S035DS ETC2-TRC-025S035DS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
logo
PAIRUI GROUP INC.
LNU-25C PAIRUI-LNU-25C Datasheet
377Kb / 3P
   Constant current LED Drivers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com