Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX4661 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX4661
Description  2.5W, Quad, SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4661 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4661 Datasheet HTML 2Page - Maxim Integrated Products MAX4661 Datasheet HTML 3Page - Maxim Integrated Products MAX4661 Datasheet HTML 4Page - Maxim Integrated Products MAX4661 Datasheet HTML 5Page - Maxim Integrated Products MAX4661 Datasheet HTML 6Page - Maxim Integrated Products MAX4661 Datasheet HTML 7Page - Maxim Integrated Products MAX4661 Datasheet HTML 8Page - Maxim Integrated Products MAX4661 Datasheet HTML 9Page - Maxim Integrated Products MAX4661 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2.5
, Quad, SPST,
CMOS Analog Switches
6
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0
1.0
0.5
2.0
1.5
3.0
2.5
3.5
4.5
4.0
5.0
-20
-10
-5
-15
0
5
10
15
20
ON-RESISTANCE vs. VCOM
(DUAL SUPPLIES)
VCOM (V)
V+, V- = ±5V
V+, V- = ±15V
V+, V- = ±20V
0
0.50
0.25
1.00
0.75
1.50
1.25
1.75
2.25
2.00
2.50
-10
-5
-15
0
5
10
15
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (DUAL SUPPLIES)
VCOM (V)
TA = +85°C
TA = +25°C
V+, V- = ±15V
TA = -40°C
0
3
2
1
4
5
6
7
8
9
10
08
4
12162024
210
6
141822
ON-RESISTANCE vs. VCOM
(SINGLE SUPPLY)
VCOM (V)
V+ = 5V
V+ = 12V
V+ = 24V
0
1.50
1.00
0.50
2.00
2.50
3.50
3.00
4.00
02
3
1
456789 10 11 12
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (SINGLE SUPPLY)
VCOM (V)
TA = +85°C
TA = +25°C
TA = -40°C
V+ = +12V
V- = GND
0.1m
0.01
1m
10
1
0.1
1k
10k
100
100k
-40
20
-20
0
40
60
80
100
ON/OFF-LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
ON-LEAKAGE
OFF-LEAKAGE
V+ = +15V
V- = -15V
-200
0
-100
200
100
300
400
-20
-5
0
-10
-15
5
10
15
20
CHARGE INJECTION
vs. VCOM
VCOM (V)
V- = -15V
V+ = +15V
V- = GND
V+ = 12V
0.1
I+
I-
0.01
0.001
100
10
1
10k
100k
1k
-40
20
-20
0
40
60
80
100
POWER-SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
V+ = +15V
V- = -15V
-10
-100
0.1
100
10
1
FREQUENCY RESPONSE
-70
-90
-30
-50
0
-60
-80
-20
-40
MAX4661/2/3-08
FREQUENCY (MHz)
90
180
-720
-450
-630
-90
-270
-360
-540
-0
-180
OFF-ISOLATION
ON-PHASE
ON-RESPONSE
V+ = +15V
V- = -15V
INPUT = OdBm
50
Ω IN AND OUT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HI-200 Dual/Quad SPST CMOS Analog Switches 1  2  3  4  5  More Intersil Corporation
MAX4066 Low-Cost Low-Voltage Quad SPST CMOS Analog Switches 1  2  3  4  5  More Maxim Integrated Products
DG441B Improved Quad SPST CMOS Analog Switches 1  2  3  4  5  More Vishay Siliconix
MAX4620 +/-15kV ESD-Protected Low-Voltage Quad SPST CMOS Analog Switches 1  2  3  4  5  More Maxim Integrated Products
ALD4201 CMOS LOW VOLTAGE LOW CHARGE INJECTION QUAD SPST ANALOG SWITCHES 1  2  3  4  5  More Advanced Linear Devices
DG411883 Monolithic Quad SPST CMOS Analog Switches 1  2  3  4  5  More Intersil Corporation
DG444B Improved Quad SPST CMOS Analog Switches 1  2  3  4  5  More Vishay Siliconix
DG441883 Monolithic Quad SPST CMOS Analog Switches 1  2  3  4  5  More Intersil Corporation
DG441 Monolithic Quad SPST CMOS Analog Switches 1  2  3  4  5  More Intersil Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn