Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLED96W-034 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PLED96W-034
Description  Flicker-Free LED Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PLED96W-034 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PLED96W-034 Datasheet HTML 1Page - List of Unclassifed Manufacturers PLED96W-034 Datasheet HTML 2Page - List of Unclassifed Manufacturers PLED96W-034 Datasheet HTML 3Page - List of Unclassifed Manufacturers PLED96W-034 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Constant Current Versions - Specifications
Model Number
Output Current
(mA ±3%)
Output Voltage
Range (Vdc)
Max. Output
Power (W)
Max
Efficiency
PLED96W-274-C0350-XX
350
92-274
95.9
92%
PLED96W-213-C0450-XX
450
71-213
95.6
92%
PLED96W-137-C0700-XX
700
46-137
95.9
92%
PLED96W-092-C1050-XX
1050
31-92
96
91%
PLED96W-069-C1400-XX
1400
23-69
96
91%
PLED96W-054-C1750-XX
1750
18-54
94.5
91%
PLED96W-048-C2000-XX
2000
16-48
96
90%
PLED96W-046-C2100-XX
2100
16-46
96
90%
PLED96W-039-C2450-XX
2450
14-39
95.5
89%
PLED96W-036-C2660-XX
2660
12-36
95.7
89%
PLED96W-034-C2800-XX
2800
12-34
95.2
89%
PLED96W-030-C3150-XX
3150
10-30
94.8
89%
PLED96W-027-C3500-XX
3500
9-27
94.5
88%
PLED96W-025-C3840-XX
3840
9-25
96
88%
PLED96W-024-C4000-XX
4000
8-24
96
88%
PLED96W-020-C4800-XX
4800
7-20
96
87%
PLED96W-018-C5350-XX
5350
6-18
96
86%
Constant Voltage Versions - Specifications
Model Number
Output Voltage
(Vdc ±5%)
Output Current
Range (mA)
Max. Output
Power (W)
Max
Efficiency
PLED96W-018
18
1338-5350
96
86%
PLED96W-020
20
1200-4800
96
87%
PLED96W-024
24
1000-4000
96
88%
PLED96W-025
25
960-3840
96
88%
PLED96W-027
27
875-3500
94.5
88%
PLED96W-030
30
788-3150
94.8
89%
PLED96W-034
34
700-2800
95.2
89%
PLED96W-036
36
665-2660
95.7
89%
PLED96W-039
39
613-2450
95.5
89%
PLED96W-046
46
525-2100
96
90%
PLED96W-048
48
500-2000
96
90%
PLED96W-054
54
438-1750
94.5
91%
PLED96W-069
69
350-1400
96
91%
PLED96W-092
92
263-1050
96
91%
PLED96W-137
137
175-700
95.9
92%
PLED96W-213
213
113-450
95.6
92%
PLED96W-274
274
88-350
95.9
92%
Class 2:
US/Canada
US Only
-XX indicates dimming options are available. See options below. Blank = fixed current output
Electrical Specifications
Input Voltage Range:
100-277 Vac Nom. (90-305 V Min/Max)
Input Over-Voltage:
Can endure 320Vac for 48 Hrs, 350Vac for 2 Hrs
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ 60-100% load, 100-277Vac
Inrush Current:
<50.0 Amps max @ 230Vac, cold start 25ºC
Input Current:
1.30 Amps max
Maximum Power:
96W
Current Accuracy:
± 2% Over input line variation
Load Regulation:
± 3%
THD:
<_ 20% @ 60-100% load, 100-277Vac
Ripple & Noise:
(Vpk-pk)
5% Vo max @ 20 MHz BW, Full load output
in parallel with 0.1 μF ceramic & 10 μF Electrolytic
Ripple:
(Ipk-pk)
5% Io max @ 20 MHz BW, Full load output
in parallel with 0.1 μF ceramic & 10 μFElectrolytic.
120 Hz component (Flicker Free)
Start-up Time:
200mS typical @ Full Load, 120Vac/60Hz (1000mS max)
Leakage Current:
0.28 mA max @ 120Vac, 0.78 mA max @ 277Vac
Hold Up Time:
40mS typical @ Full Load, 277Vac
Output Protection:
Over-Voltage, Over-Current, and
Short Circuit Protection with Auto Recovery
Environmental Specifications
Minimum Starting Temp: -30ºC
Maximum Case Temp.
90°C
Storage Temperature:
-40ºC to +85ºC
Humidity:
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 55 Hz/2g, 30 minutes
Sound Rating:
Class A
Impact Resistance:
1g/s
MTBF:
474,000 Hours @ full load and 40ºC ambient conditions
per MIL-217F Notice 2
EMC:
FCC 47CFR Part 15 Class B compliant
Weight:
21.6 oz. (612 grams)
PLED-96W Series– Fixed Output & Dimmable
Flicker-Free LED Drivers
Constant Current & Constant Voltage with Isolation
Black Magic Thermal Advantage™ Aluminum Housing
• Total Power: 96 Watts
• Input Voltage: 100-277 Vac Nom.
• UL Dry & Damp Location Rated
• IP66 & NEMA6
• UL Type HL Rated for
Hazardous Materials
• UL Sign Components Manual
(S.A.M. Models)
Rev 9-11-15
Ordering Options:
-D:
0-10V & Resistance dimmable models dim 100-10%. Two extra wires on the output
side (+Purple/-Gray). Compatible with most quality 0-10V wall dimmers. See page 3.
-D3: 3-wire dimmable models dim 100-10%. Three extra wires on the output side
(Yellow/Purple/Gray). Compatible with potentiometer dimming. See page 3.
-PD: PWM Dimmable models. Two extra wires on the output side(+Purple/-Gray). Dims
via positive 10% to 100% Duty Cycle, 200Hz to 1KHz, 0-10V Pulse. See page 4.
E332160
Sign Components Manual
IndicatesS.A.M.


Similar Part No. - PLED96W-034

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLED96W-034-C2800-XX-HV ETC2-PLED96W-034-C2800-XX-HV Datasheet
810Kb / 4P
   Flicker-free, Hazardous Location LED Drivers
PLED96W-034-HV ETC2-PLED96W-034-HV Datasheet
810Kb / 4P
   Flicker-free, Hazardous Location LED Drivers
More results

Similar Description - PLED96W-034

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLEDDC120W-343-C0350-XX ETC2-PLEDDC120W-343-C0350-XX Datasheet
779Kb / 4P
   Flicker-Free LED Drivers
PLED120W-343-C0350-XX ETC2-PLED120W-343-C0350-XX Datasheet
782Kb / 4P
   Flicker-Free LED Drivers
PLEDDC200W-445-C0450-XX ETC2-PLEDDC200W-445-C0450-XX Datasheet
778Kb / 4P
   Flicker-Free LED Drivers
PLED75W-214-C0350-XX ETC2-PLED75W-214-C0350-XX Datasheet
778Kb / 4P
   Flicker-Free LED Drivers
PLED-150W ETC2-PLED-150W Datasheet
785Kb / 4P
   Flicker-Free LED Drivers
PLED200W-445-C0450-XX ETC2-PLED200W-445-C0450-XX Datasheet
781Kb / 4P
   Flicker-Free LED Drivers
PLEDDC150W-428-C0350-XX ETC2-PLEDDC150W-428-C0350-XX Datasheet
783Kb / 4P
   Flicker-Free LED Drivers
PLED96W-274-C0350-XX-HV ETC2-PLED96W-274-C0350-XX-HV Datasheet
810Kb / 4P
   Flicker-free, Hazardous Location LED Drivers
PLED60W-012 ETC2-PLED60W-012 Datasheet
770Kb / 4P
   Flicker-Free LED Dr
BT868 ETC-BT868 Datasheet
2Mb / 104P
   Flicker-Free Video Encoder with UltrascaleTM Technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com