Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLED75W-108-C0530-XX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PLED75W-108-C0530-XX
Description  Flicker-Free LED Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PLED75W-108-C0530-XX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PLED75W-108-C0530-XX Datasheet HTML 1Page - List of Unclassifed Manufacturers PLED75W-108-C0530-XX Datasheet HTML 2Page - List of Unclassifed Manufacturers PLED75W-108-C0530-XX Datasheet HTML 3Page - List of Unclassifed Manufacturers PLED75W-108-C0530-XX Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Constant Current Versions - Product Specifications
Model Number
Output Current
(mA ±3%)
Output Voltage
Range (Vdc)
Max. Output
Power (W)
Max
Efficiency
PLED75W-214-C0350-XX
350
72-214
75
92%
PLED75W-166-C0450-XX
450
56-166
75
92%
PLED75W-108-C0530-XX
530
36-108
57.2
92%
PLED75W-108-C0700-XX
700
36-108
75
92%
PLED75W-072-C1050-XX
1050
24-72
75
91%
PLED75W-054-C1400-XX
1400
18-54
75
91%
PLED75W-048-C1560-XX
1560
16-48
75
90%
PLED75W-042-C1790-XX
1790
14-42
75
89%
PLED75W-036-C2100-XX
2100
12-36
75
89%
PLED75W-027-C2800-XX
2800
9-27
75
88%
PLED75W-024-C3130-XX
3130
8-24
75
88%
PLED75W-020-C3750-XX
3750
7-20
75
87%
PLED75W-015-C5000-XX
5000
5-15
75
86%
PLED75W-012-C6250-XX
6250
4-12
75
86%
Constant Voltage Versions - Product Specifications
Model Number
Output Voltage
(Vdc ±5%)
Output Current
Range (mA)
Max. Output
Power (W)
Max
Efficiency
PLED75W-012
12
1563-6250
75
86%
PLED75W-015
15
1250-5000
75
86%
PLED75W-020
20
938-3750
75
87%
PLED75W-024
24
783-3130
75
88%
PLED75W-027
27
700-2800
75
88%
PLED75W-036
36
525-2100
75
89%
PLED75W-042
42
448-1790
75
89%
PLED75W-048
48
390-1560
75
90%
PLED75W-054
54
350-1400
75
91%
PLED75W-072
72
263-1050
75
91%
PLED75W-108
108
175-700
75
92%
PLED75W-166
166
113-450
75
92%
PLED75W-214
214
88-350
75
92%
Class 2:
US/Canada
US Only
-XX indicates dimming options are available. See options at left. Blank = fixed current output
Electrical Specifications
Input Voltage Range:
100-277 Vac Nom. (90-305 V Min/Max)
Input Over-Voltage:
Can endure 320Vac for 48 Hrs, 350Vac for 2 Hrs
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ 75-100% load, 100-277Vac
Inrush Current:
<30.0 Amps max @ 230Vac, cold start 25ºC
Input Current:
1.00 Amps max
Maximum Power:
75W
Current Regulation:
± 2% Over input line variation
Load Regulation:
± 3%
THD:
<_ 20% @ 60-100% load, 100-277Vac
Ripple & Noise:
(Vpk-pk)
5% Vo max @ 20 MHz BW, Full load output
in parallel with 0.1 μF ceramic & 10 μF Electrolytic
Ripple:
(Ipk-pk)
5% Io max @ 20 MHz BW, Full load output
in parallel with 0.1 μF ceramic & 10 μFElectrolytic.
120 Hz component (Flicker Free)
Start-up Time:
200mS typical @ Full Load, 120Vac/60Hz (1000mS max)
Leakage Current:
0.28 mA max @ 120Vac, 0.78 mA max @ 277Vac
Hold Up Time:
40mS typical @ Full Load, 277Vac
Output Protection:
Over-Voltage, Over-Current, and
Short Circuit Protection
Environmental Specifications
Minimum Starting Temp: -30ºC
Maximum Case Temp.
90°C
Storage Temperature:
-40ºC to +85ºC
Humidity:
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 55 Hz/2g, 30 minutes
Sound Rating:
Class A
Impact Resistance:
1g/s
MTBF:
474,000 Hours at full load and 40ºC ambient conditions
per MIL-217F Notice 2
EMC:
FCC 47CFR Part 15 Class B compliant
Weight:
19 oz. (538 g)
PLED75W Series– Fixed Output & Dimmable
Flicker-Free LED Drivers
Constant Current & Constant Voltage with Isolation
Black Magic Thermal Advantage™ Aluminum Housing
• Smallest Footprint Driver for this wattage
• Total Power: 75 Watts
• Input Voltage: 100-277 Vac Nom.
• UL Dry & Damp Location Rated
• IP66 & NEMA6
• UL Type HL Rated for Hazardous Locations
• UL Sign Components Manual (S.A.M. Models)
Rev 9-11-15
Ordering Options:
-D:
0-10V & Resistance dimmable models dim 100-10%. Two extra wires on the output
side (+Purple/-Gray). Compatible with most quality 0-10V wall dimmers. See page 3.
-D3: 3-wire dimmable models dim 100-10%. Three extra wires on the output side
(Yellow/Purple/Gray). Compatible with potentiometer dimming. See page 3.
-PD: PWM Dimmable models. Two extra wires on the output side(+Purple/-Gray). Dims
via positive 10% to 100% Duty Cycle, 200Hz to 1KHz, 0-10V Pulse. See page 4.
E332160
Sign Components Manual
IndicatesS.A.M.


Similar Part No. - PLED75W-108-C0530-XX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PLED70S LITTELFUSE-PLED70S Datasheet
509Kb / 4P
   PLED Ultra Low Holding Current Series
2018 Littelfuse, Inc.
More results

Similar Description - PLED75W-108-C0530-XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLEDDC120W-343-C0350-XX ETC2-PLEDDC120W-343-C0350-XX Datasheet
779Kb / 4P
   Flicker-Free LED Drivers
PLED120W-343-C0350-XX ETC2-PLED120W-343-C0350-XX Datasheet
782Kb / 4P
   Flicker-Free LED Drivers
PLED96W-274-C0350-XX ETC2-PLED96W-274-C0350-XX Datasheet
786Kb / 4P
   Flicker-Free LED Drivers
PLEDDC200W-445-C0450-XX ETC2-PLEDDC200W-445-C0450-XX Datasheet
778Kb / 4P
   Flicker-Free LED Drivers
PLED-150W ETC2-PLED-150W Datasheet
785Kb / 4P
   Flicker-Free LED Drivers
PLED200W-445-C0450-XX ETC2-PLED200W-445-C0450-XX Datasheet
781Kb / 4P
   Flicker-Free LED Drivers
PLEDDC150W-428-C0350-XX ETC2-PLEDDC150W-428-C0350-XX Datasheet
783Kb / 4P
   Flicker-Free LED Drivers
PLED96W-274-C0350-XX-HV ETC2-PLED96W-274-C0350-XX-HV Datasheet
810Kb / 4P
   Flicker-free, Hazardous Location LED Drivers
PLED60W-012 ETC2-PLED60W-012 Datasheet
770Kb / 4P
   Flicker-Free LED Dr
BT868 ETC-BT868 Datasheet
2Mb / 104P
   Flicker-Free Video Encoder with UltrascaleTM Technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com