Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEG75W-142-C0530-D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LEG75W-142-C0530-D
Description  Switch Mode LED Drivers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEG75W-142-C0530-D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LEG75W-142-C0530-D Datasheet HTML 1Page - List of Unclassifed Manufacturers LEG75W-142-C0530-D Datasheet HTML 2Page - List of Unclassifed Manufacturers LEG75W-142-C0530-D Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
LEG-75W Series– Fixed Output and Dimmable
Switch Mode LED Drivers
Constant Current, Non-Isolated
Black Magic Thermal Advantage™ Metallic Housing
Electrical Specifications
Input Voltage Range:
120-277 Vac Nom. (108-305 V Min/Max)
Input Over-Voltage:
Can endure 320Vac for 48 Hrs, 350Vac for 2 Hrs
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ full load, 100V through 277V
THD:
<_ 20% @ for all loads >80%
Inrush Current:
<40.0 Amps max @ 230 Vac, cold start 25ºC
Input Current:
0.69A@ 120Vac, 0.35A @ 230Vac
Maximum Power:
75W
Current Accuracy:
± 1% Over input line variation
Load Regulation:
± 4%
Leakage Current:
400 µA Typical
Hold Up Time:
Half Cycle
Protection:
Output Over-Voltage, Output Over-Current, and
Output Short Circuit Protection, reset by power cycling
Environmental Specifications
Minimum Starting Temp: -30ºC
Maximum Case Temp.
80°C
Storage Temperature:
-40ºC to +85ºC
Humidity:
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 55 Hz/2g, 30 minutes
Sound Rating:
Class A
MTBF:
415,000 Hours at full load and 40ºC ambient conditions
per MIL-217F Notice 2
EMC:
FCC 47CFR Part 15 Class A compliant
Impact Resistance:
1g/s
Weight:
26 oz (738 grams)
Constant Current - Non Dimming
Model Number
Output Voltage
Range (Vdc)
Output Current
(mA ±3%)
Max Output
Power (W)
Max
Efficiency
LEG75W-214-C0350
72-214
350
74.9
92%
LEG75W-142-C0530
48-142
530
75
91%
LEG75W-108-C0700
36-108
700
75
90%
LEG75W-072-C1050
24-72
1050
75
89%
Constant Current - 0-10VDC Dimming
Model Number
Output Voltage
Range (Vdc)
Output Current
(mA ±3%)
Max Output
Power (W)
Max
Efficiency
LEG75W-214-C0350-D
72-214
350
74.9
92%
LEG75W-142-C0530-D
48-142
530
75
91%
LEG75W-108-C0700-D
36-108
700
75
90%
LEG75W-072-C1050-D
24-72
1050
75
89%
E332160
Sign Components Manual
Ordering Options:
-D: 0-10V & Resistance dimmable version comes with an extra two wires +Purple/-Gray
on the output side. 0-10V Dimming is compatible with most quality 0-10V dimmers.
See pg. 3 for more information.
• Total Power: 75 Watts
• Input Voltage: 100-277 Vac Nom.
• UL Dry & Damp Location Rated
• IP66
• High Power Factor
• UL8750, EN61347, CSA 22.2
Rev 8-31-15


Similar Part No. - LEG75W-142-C0530-D

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LEG75862-L8-PF LIGITEK-LEG75862-L8-PF Datasheet
130Kb / 7P
   BIPOLAR TYPE LED LAMPS
More results

Similar Description - LEG75W-142-C0530-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
   Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
   Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
   Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
   Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
   Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
   Switch Mode LED Drivers
TRC-200S045DT ETC2-TRC-200S045DT Datasheet
610Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
   Switch Mode LED Drivers
LEG120W-343-C0350 ETC2-LEG120W-343-C0350 Datasheet
634Kb / 3P
   Switch Mode LED Drivers
LED-30W ETC2-LED-30W Datasheet
865Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W_17 Datasheet
744Kb / 3P
   Switch Mode LED Drivers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com