Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB-CMJ0130-CMJH180_1509 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # PB-CMJ0130-CMJH180_1509
Description  Current Limiting Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

PB-CMJ0130-CMJH180_1509 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  PB-CMJ0130-CMJH180_1509 Datasheet HTML 1Page - Central Semiconductor Corp PB-CMJ0130-CMJH180_1509 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PB CMJ Series CLDs (R0)
For further information contact:
Sales at Central Semiconductor Corp.
(631) 435-1110 or visit:
www.centralsemi.com
Innovative Discrete
Semiconductors
Mechanical Drawing - SOD-123FL
Mounting Pad Geometry
(Dimensions in mm)
Sample devices available upon request. To order samples of this device visit: www.centralsemi.com/info/CMJ
Lead Code:
1) Cathode
2) Anode
Tape Dimensions and Orientation
(Dimensions in mm)
Tape Width: 8mm
Direction of Unreeling
* Devices are taped in
accordance with
Electronic Industries
Association Standard
EIA-481-1-A
Reel Packing Information
Reel
Size
Reels per
Box
(Maximum)
Parts per
Box
(Maximum)
Box Dimensions
Shipping Weight
(Max.)
INCH
CM
LB
KG
7”
8
17
40
108
24,000
51,000
120,000
324,000
9x9x5
9x9x9
21x9x9
27x9x17
23x23x13
23x23x23
53x23x23
69x23x43
3
6
13
34
2
3
6
16
Literature
Order your selection guide today.
Visit: web.centralsemi.com/search/sample.php
New
SMD
SELECTION
GUIDE
Packaging Base /
Ordering Information
Reel Size
Quantity
Central
Item No.
Central
Item No.
7”
3,000
CMJ0130 TR
CMJ3500 TR
CMJ0300 TR
CMJ4500 TR
CMJ0500 TR
CMJ5750 TR
CMJ0750 TR
CMJH080 TR
CMJ1000 TR
CMJH100 TR
CMJ1500 TR
CMJH120 TR
CMJ2000 TR
CMJH150 TR
CMJ2700 TR
CMJH180 TR
To order samples of this device visit:
www.centralsemi.com/info/CMJ
Samples
145 Adams Avenue
Hauppauge New York 11788 USA Tel:(631) 435-1110 Fax:(631) 435-1824
CMJ0130 thru
CMJH180
0.13mA thru 18mA
Current Limiting Diodes
in the SOD-123FL package


Similar Part No. - PB-CMJ0130-CMJH180_1509

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
PB-CMIDSH1_1509 CENTRAL-PB-CMIDSH1_1509 Datasheet
1Mb / 2P
   1.0A, 30V Low VF Schottky Rectifi er
PB-CMKDM8005_1509 CENTRAL-PB-CMKDM8005_1509 Datasheet
1Mb / 2P
   20V, 650mA Dual, P-Channel MOSFET
PB-CMKT3920_1509 CENTRAL-PB-CMKT3920_1509 Datasheet
1Mb / 2P
   50V, 200mA
PB-CMLDM3737_1509 CENTRAL-PB-CMLDM3737_1509 Datasheet
1Mb / 2P
   Dual, Complementary MOSFETs
PB-CMLDM7005_1509 CENTRAL-PB-CMLDM7005_1509 Datasheet
1Mb / 2P
   20V, 650mA Dual, Complementary MOSFETs
More results

Similar Description - PB-CMJ0130-CMJH180_1509

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
CL20M35 DIOTEC-CL20M35_13 Datasheet
100Kb / 2P
   Current Limiting Diodes
CL20M45 DIOTEC-CL20M45 Datasheet
97Kb / 2P
   Current Limiting Diodes
CL20M35 DIOTEC-CL20M35 Datasheet
100Kb / 2P
   Current Limiting Diodes
CL15M45 DIOTEC-CL15M45 Datasheet
99Kb / 2P
   Current Limiting Diodes
CL15M35 DIOTEC-CL15M35_14 Datasheet
100Kb / 2P
   Current Limiting Diodes
CL15M35 DIOTEC-CL15M35_17 Datasheet
143Kb / 2P
   SMD Current Limiting Diodes
CL15M45 DIOTEC-CL15M45_17 Datasheet
143Kb / 2P
   SMD Current Limiting Diodes
CL10MD DIOTEC-CL10MD Datasheet
142Kb / 2P
   SMD Current Limiting Diodes
CL05M6F DIOTEC-CL05M6F Datasheet
125Kb / 2P
   SMD Current Limiting Diodes
CL10MD DIOTEC-CL10MD_18 Datasheet
143Kb / 3P
   SMD Current Limiting Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com