Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEDM8004VL Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CEDM8004VL
Description  30V, 450mA MOSFETs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CEDM8004VL Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CEDM8004VL Datasheet HTML 1Page - Central Semiconductor Corp CEDM8004VL Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30V, 450mA MOSFETs
in the very low profile SOT-883VL package
Central Semiconductor’s CEDM7004VL (N-Channel) and
CEDM8004VL (P-Channel) are Enhancement-mode MOSFETs
packaged in the very low profile SOT-883VL case. These devices
are designed for space constrained high speed amplifier and driver
applications where package height is a critical design element.
These MOSFETs offers low rDS(ON) and low gate charge.
CEDM7004VL (N-Channel)
CEDM8004VL (P-Channel)
SOT-883VL
Top View
Bottom View
145 Adams Avenue
Hauppauge New York 11788 USA www.centralsemi.com
• High power density
• Very low package profile (0.32mm)
• Space saving surface mount package
Benefits:
Features:
• Low rDS(ON)
• Low threshold voltage
• Logic level compatible
Applications:
• Load/Power switches
• DC-DC converters
• Power management
Typical Electrical Characteristics
Maximum Ratings (TA = 25˚C)
Electrical Characteristics: (TA = 25˚C)
Type No.
ID
(mA)
MAX
PD
(mW)
MAX
TJ, Tstg
(˚C)
MAX
BVDSS
(V)
MIN
VGS(th)
(V)
MIN
MAX
rDS(ON)
@ VGS
@ ID
(Ω)
(Ω)
(V)
(mA)
TYP
MAX
Qgs
(nC)
TYP
Ciss
(pF)
TYP
Crss
(pF)
TYP
CEDM7004VL
450
100
-65 to +150
30
0.5
1.0
0.28
0.39
0.55
0.46
0.56
0.73
4.5
2.5
1.8
200
100
75
0.15
43
5.0
CEDM8004VL
450
100
-65 to +150
30
0.5
1.0
1.0
1.6
2.6
1.1
2.0
3.3
4.5
2.5
1.8
430
200
100
0.35
45
8.9
Package Profile Comparison:
The SOT-883VL has a
46% lower profile than the SOT-883 and
a
20% lower profile than the SOT-883L.
SOT-883
SOT-883L
SOT-883VL
0.4mm
0.6mm
0.32mm
Services:
Weblink/Samples:
For more information
or to request
samples visit:
www.centralsemi.com/info/LPMOSFETs
• Bonded Inventory
• Custom Electrical Screening
• Custom Electrical Characteristic Curves
• SPICE Models
• Custom Packaging
• Package Base Options
• Custom Device Development /
Multi Discrete Modules (MDM™)
• Bare Die for Hybrid Applications
CEDM7004VL (N-Channel)
CEDM8004VL (P-Channel)
Product Brief
Product Brief


Similar Part No. - CEDM8004VL

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CEDM8004VL CENTRAL-CEDM8004VL Datasheet
956Kb / 4P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
More results

Similar Description - CEDM8004VL

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMUDM7004_8004 CENTRAL-CMUDM7004_8004 Datasheet
1Mb / 2P
   30V, 450mA MOSFETs
PB-CEDM7004_1509 CENTRAL-PB-CEDM7004_1509 Datasheet
1Mb / 2P
   30V MOSFETs
logo
First Silicon Co., Ltd
FTK3908P FS-FTK3908P Datasheet
1Mb / 5P
   30V N-Channel MOSFETs
FTK3910DFN22 FS-FTK3910DFN22 Datasheet
978Kb / 5P
   30V N-Channel MOSFETs
FTK3960DD FS-FTK3960DD Datasheet
917Kb / 5P
   30V N-Channel MOSFETs
FTK3009DFN22 FS-FTK3009DFN22 Datasheet
556Kb / 5P
   30V P-Channel MOSFETs
FTK3805 FS-FTK3805 Datasheet
927Kb / 5P
   30V P-Channel MOSFETs
FTK3911L FS-FTK3911L Datasheet
1Mb / 5P
   30V P-Channel MOSFETs
logo
E-CMOS Corporation
EC743612 E-CMOS-EC743612 Datasheet
136Kb / 3P
   30V N-Channel MOSFETs
logo
Bruckewell Technology L...
MSD36N12 BWTECH-MSD36N12 Datasheet
594Kb / 6P
   30V N-Channel MOSFETs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com