Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY17F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. CNY17F
Description  6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

CNY17F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CNY17F Datasheet HTML 1Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 2Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 3Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 4Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 5Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 6Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 7Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 8Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CNY17 & CNY17F
6-PIN DIP PHOTOTRANSISTOR
OPTOCOUPLER
Product: CNY17 & CNY17F
Date: February 1, 2011
Page 1 of 16
Version# 1.1
Feature:
 High Isolation voltage between input and output
(Viso = 5000V rms)
 Current transfer ratio
 CNY17-1, CNY17F-1: 40~80%
 CNY17-2, CNY17F-2: 63~125%
 CNY17-3, CNY17F-3: 100~200%
 CNY17-4, CNY17F-4: 160~320%
 Creepage distance > 7.6mm
 Operating temperature up to +100°C
 The CNY17F Series offers no external base
connection for minimum noise susceptibility
 Compact dual-in-line package
 Packed in tube or Tape and reel
 Conventional black housing package
Schematic:
Certification & Compliance:
 Pb free and RoHS Compliant
 UL recognized (File # E338132)
 VDE recognized (File # 40030457)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn